Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CGY121A Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. CGY121A
Description  GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CGY121A Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CGY 121 A
Siemens Aktiengesellschaft
4
23.06.98
HL HF PE GaAs1
Application Circuit
f = 900 MHz
CGY121
Input
50 Ohm
Output
50 Ohm
Vg
GND
Vcontrol
Vd
C4
R3
C1
C2
2,5
4
1
6
3
L2
C5
R1
R2
C3
L1
C1
C2
C3
C4
C5
R1
R2
R3
L1
L2
Semiconductor Group
4
1998-11-01
Semiconductor Group
4
1998-11-01


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn