Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGY121A Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. CGY121A
Description  GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CGY121A Datasheet(HTML) 6 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CGY 121 A
Siemens Aktiengesellschaft
6
23.06.98
HL HF PE GaAs1
Parts List
Frequency
1900 MHz
C1, C2 (Siemens size 0603)
12 pF
0603
C3, C4 (Siemens size 0603)
100 nF
0603
C5 (Siemens size 0603)
47 nF
0603
C6 (Siemens size 0603)
1.2 pF
0603
L1 (Coilcraft 0805CS-150XKBC)
15 nH
0805
R1 (Siemens B 54102-A1271-J60)
270 Ohm
0805
R2 (Siemens B 54102-A1120-J60)
12 Ohm
0805
R3
2.7 Ohm
0805
Semiconductor Group
6
1998-11-01
Semiconductor Group
6
1998-11-01


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn