Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGY120 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. CGY120
Description  GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CGY120 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GaAs MMIC
CGY 120
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 4/7
17.09.96
HL EH PD21/Gü
Test setup for measuring S-parameters
f=10MHz to 3GHz
Bias Tee
Bias Tee
Ref. Plane
Output
Ref. Plane
Input
For optimized device performance, Vg has to be adapted (Vg
≈ -1V...0V) to I ≈ 45mA at Vd-supply
under condition Vcontrol=+2V.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn