Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGY120 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. CGY120
Description  GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CGY120 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GaAs MMIC
CGY 120
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 1/7
17.09.96
HL EH PD21/Gü
D a t a s h e e t
* Monolithic microwave IC
(MMIC-Amplifier) for mobile communication
* Variable gain amplifier for GSM/PCN
applications
* Gain Control range over 50dB
* 50
Ω input and output matched
* Low power consumption
* Operating voltage range: 2.7 to 6 V
* Frequency range 800 MHz ... 2.5 GHz
ESD:
Electrostatic discharge sensitive device,
observe handling precautions!
6
5
4
3
2
1
Vd1
RF-GND
RF-in; -Vg
RF-GND
Vd2; RF-out
Vcontrol
Type
Marking
Ordering code
(taped)
Package 1)
CGY 120
Y8
Q62702-G44
MW-6
Maximum ratings
Symbol
Unit
Drain voltage
VD
8V
Negative supply voltage
Vg, Vcon
-3
V
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
-55...+150
°C
Total power dissipation (TS < 84°C) 2)
Ptot
600
mW
Thermal resistance
Channel-soldering point (GND)
RthchS
< 110
K/W
1) Dimensions see chapter Package Outlines
2) Please care for sufficient heat dissipation on the pcb!
Rev 2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn