Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGY0918 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. CGY0918
Description  GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CGY0918 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CGY 0918
Siemens Aktiengesellschaft
3
23.07.98
HL HF PE GaAs
Electrical characteristics
GSM900-Mode
(TA = 25°C, VD=3.5V, Vneg=-5V, Vcontrol=2.5V; duty cycle 12.5%, ton=577µsec)
Characteristics
Symbol
min
typ
max
Unit
Frequency range
f
880
-
915
MHz
Supply current
Pin=10dBm
ID
-1.6
-
A
Supply current neg. voltage gener
Vaux=3.5V
IAUX
-10
-
mA
Gain (small signal)
G
-30
-
dB
Power gain
Pin=10dBm
GP
-25
-
dB
Output Power
Pin=10dBm
POUT
-35
-
dBm
Overall Power added Efficiency
Pin=10dBm
η
-55
-
%
Dynamic range output power
Vcontrol = 0.2...2.5V
-50
-
dB
PCN(DCS1800)-Mode
(TA = 25°C, VD=3.5V, Vneg=-5V, Vcontrol=2.5V; duty cycle 12.5%, ton=577µsec)
Characteristics
Symbol
min
typ
max
Unit
Frequency range
f
1710
-
1785
MHz
Supply current
Pin=10dBm
ID
-1.4
-
A
Supply current neg. voltage gener.
Vaux=3.5V
IAUX
-10
-
mA
Gain (small signal)
G
-28
-
dB
Power gain
Pin=10dBm
GP
-24
-
dB
Output Power
Pin=10dBm
POUT
-34
-
dBm
Overall Power added Efficiency
Pin=10dBm
η
-45
-
%
Dynamic range output power
Vcontrol = 0.2...2.5V
-55
-
dB
Semiconductor Group
3
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn