Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGY0918 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. CGY0918
Description  GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CGY0918 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CGY 0918
Siemens Aktiengesellschaft
1
23.07.98
HL HF PE GaAs
GaAs MMIC
l
Dual band GSM/PCN power amplifier
l
35dBm / 34dBm output power at 3.5 V
l
Two amplifiers in a single package
l
Power ramp control
ESD: Electrostatic discharge sensitive device,
observe handling precautions!
Type
Marking
Ordering code
(taped)
Package
CGY 0918
CGY 0918
Q62702G0077
MW 16
Maximum ratings
Characteristics
Symbol
max. Value
Unit
Positive supply voltage
VD
9V
Supply current
ID
4A
Channel temperature
TCh
150
°C
Storage temperature
Tstg
-55...+150
°C
Pulse peak power dissipation
duty cycle 12.5%, ton=0.577ms
PPulse
tbd
W
Total power dissipation
(Ts
≤ 80 °C)
Ts: Temperature at soldering point
Ptot
tbd
W
Thermal Resistance
Characteristics
Symbol
max. Value
Unit
Channel-soldering point
RthChS
tbd
K/W
Semiconductor Group
1
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn