Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFY25-23 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # CFY25-23
Description  GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CFY25-23 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  CFY25-23 Datasheet HTML 1Page - Siemens Semiconductor Group CFY25-23 Datasheet HTML 2Page - Siemens Semiconductor Group CFY25-23 Datasheet HTML 3Page - Siemens Semiconductor Group CFY25-23 Datasheet HTML 4Page - Siemens Semiconductor Group CFY25-23 Datasheet HTML 5Page - Siemens Semiconductor Group CFY25-23 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
GaAs FET
CFY 25
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
CFY 25-17
CFY 25-20
CFY 25-23
Q62703-F106
Q62703-F107
Q62703-F108
C 5
C 6
C 7
Micro-X
1
2
3
D
S
G
4
S
Parameter
Symbol
Values
Unit
Drain-source voltage
VDS
5V
Drain current
ID
80
mA
Gate-source voltage
VGS
– 5 … + 0
Channel temperature
Tch
150
˚C
Total power dissipation, TS
56 ˚C2)
Ptot
250
mW
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Channel - soldering point2)
Rth chS
375
K/W
Drain-gate voltage
VDG
7
1)
For detailed information see chapter Package Outlines.
2)
TS is measured on the source lead at the soldering point to the pcb.
q
Low noise
q
High gain
q
For front-end amplifiers
q
lon-implanted planar structure
q
All gold metallization
07.94


Similar Part No. - CFY25-23

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CFY25-23 INFINEON-CFY25-23 Datasheet
2Mb / 8P
   HiRel X-Band GaAs Low Noise / General Purpose MESFET
CFY25-23P INFINEON-CFY25-23P Datasheet
2Mb / 8P
   HiRel X-Band GaAs Low Noise / General Purpose MESFET
More results

Similar Description - CFY25-23

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CFY35 SIEMENS-CFY35 Datasheet
33Kb / 4P
   GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
logo
Infineon Technologies A...
CFH77 INFINEON-CFH77 Datasheet
50Kb / 5P
   GaAs HEMT For low noise front end amplifiers up to 20 GHz
03.00
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
logo
Siemens Semiconductor G...
CFY77 SIEMENS-CFY77 Datasheet
27Kb / 4P
   AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
logo
Excelics Semiconductor,...
EPB025A EXCELICS-EPB025A Datasheet
26Kb / 2P
   Low Noise High Gain Heterojunction FET
EPB025A-70 EXCELICS-EPB025A-70 Datasheet
23Kb / 2P
   Low Noise High Gain Heterojunction FET
logo
List of Unclassifed Man...
EPB025A ETC-EPB025A Datasheet
25Kb / 2P
   Low Noise High Gain Heterojunction FET
logo
Mitsubishi Electric Sem...
MGF1302 MITSUBISHI-MGF1302_97 Datasheet
361Kb / 6P
   LOW NOISE GaAs FET
logo
Mitsumi Electronics, Co...
MGF1402B MITSUMI-MGF1402B Datasheet
141Kb / 5P
   LOW NOISE GaAs FET
logo
Mitsubishi Electric Sem...
MGF1303B MITSUBISHI-MGF1303B Datasheet
175Kb / 4P
   LOW NOISE GaAs FET?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com