Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F52107ADLJ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F52107ADLJ
Description  Renesas MCUs
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52107ADLJ Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F52107ADLJ Datasheet HTML 1Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 2Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 3Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 4Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 5Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 6Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 7Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 8Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 146 page
background image
Preliminary Datasheet
Specifications in this document are tentative and subject to change.
R01DS0041EJ0090 Rev.0.90
Page 1 of 144
Aug 10, 2011
RX210 Group
Renesas MCUs
Features
■ 32-bit RX CPU core
 Max. operating frequency: 50 MHz
Capable of 78 DMIPS in operation at 50 MHz
 Accumulator handles 64-bit results (for a single
instruction) from 32- × 32-bit operations
 Multiplication and division unit handles 32- × 32-bit
operations (multiplication instructions take one CPU
clock cycle)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions, ultra-compact code
 On-chip debugging circuit
■ Low-power design and architecture
 Operation from a single 1.62- to 5.5-V supply
 1.62-V operation available (at up to 20 MHz)
 Deep software standby mode with RTC remaining usable
 Four low-power modes
■ On-chip flash memory for code, no wait states
 50-MHz operation, 20-ns read cycle
 No wait states for reading at full CPU speed
 128- to 512-Kbyte capacities
 User code programmable via the SCI
 Programmable at 1.62 V
 For instructions and operands
■ On-chip data flash memory
 Eight Kbytes
 Erasing and programming impose no load on the CPU.
■ On-chip SRAM, no wait states
 20- to 64-Kbyte size capacities
■ DMA
 DMACA: Incorporates four channels
 DTC: Four transfer modes
■ ELC
 Module operation can be initiated by event signals
without going through interrupts.
 Modules can operate while the CPU is sleeping.
■ Reset and supply management
 Nine types of reset, including the power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 Frequency of external clock: Up to 20 MHz
 Frequency of the oscillator for sub-clock generation:
32.768 kHz
 PLL circuit input: 4 to 12.5 MHz
 On-chip low- and high-speed oscillators, dedicated on-
chip low-speed oscillator for the IWDT
 Generation of a dedicated 32.768-kHz clock for the RTC
 Clock frequency accuracy measurement circuit (CAC)
■ Real-time clock
 Adjustment functions (30 seconds, leap year, and error)
 Time capture function
 Time capture on event-signal input through external pins
 RTC capable of initiating return from deep software
standby mode
■ Independent watchdog timer
 125-kHz on-chip low-speed oscillator produces a
dedicated clock signal to drive IWDT operation.
■ Useful functions for IEC60730 compliance
 Self-diagnostic and disconnection-detection functions for
the AD converter, clock-frequency accuracy-
measurement circuit, independent watchdog timer,
functions to assist in RAM testing, etc.
■ Up to nine communications interfaces
 SCI with many useful functions (up to seven interfaces)
 Asynchronous mode, clock synchronous mode, smart
card interface
 I2C bus interface: Transfer at up to 1 Mbps, capable of
SMBus operation (1 interface)
 RSPI (1)
■ External address space
 Four CS areas (4 × 16 Mbytes)
 8- or 16-bit bus space is selectable per area
■ Up to 14 extended-function timers
 16-bit MTU2: input capture, output capture,
complementary PWM output, phase counting mode (6
channels)
 8-bit TMR (4 channels)
 16-bit compare-match timers (4 channels)
■ 12-bit A/D converter
 Capable of conversion within 1 μs
 Sample-and-hold circuits (for three channels)
 Three-channel synchronized sampling available
 Self-diagnostic function and analog input disconnection
detection assistance function
■ 10-bit D/A converter
■ Analog comparator
■ Programmable I/O ports
 5-V tolerant, open drain, input pull-up, switching of
driving ability
■ MPC
 Multiple locations are selectable for I/O pins of
peripheral functions
■ Temperature sensor
■ Operating temp. range
 -40 C to +85C
PLQP0100KB-A 14 × 14 mm, 0.5-mm pitch
PLQP0080KB-A 12 × 12 mm, 0.5-mm pitch
PLQP0080JA-A
14 × 14 mm, 0.65-mm pitch
PLQP0064KB-A 10 × 10 mm, 0.5-mm pitch
PLQP0064GA-A 14 × 14 mm, 0.8-mm pitch
PTLG0100JA-A
7 × 7 mm, 0.65-mm pitch
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory,
12-bit AD, 10-bit DA, ELC, MPC, RTC, up to 9 comms interfaces;
incorporating functions for IEC60730 compliance
R01DS0041EJ0090
Rev.0.90
Aug 10, 2011


Similar Part No. - R5F52107ADLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52107ADLJ RENESAS-R5F52107ADLJ Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
R5F52107ADLJ RENESAS-R5F52107ADLJ Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52107ADLJ#U0 RENESAS-R5F52107ADLJ#U0 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
More results

Similar Description - R5F52107ADLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com