Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5J64026PFE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5J64026PFE
Description  RENESAS MCU
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5J64026PFE Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5J64026PFE Datasheet HTML 1Page - Renesas Technology Corp R5J64026PFE Datasheet HTML 2Page - Renesas Technology Corp R5J64026PFE Datasheet HTML 3Page - Renesas Technology Corp R5J64026PFE Datasheet HTML 4Page - Renesas Technology Corp R5J64026PFE Datasheet HTML 5Page - Renesas Technology Corp R5J64026PFE Datasheet HTML 6Page - Renesas Technology Corp R5J64026PFE Datasheet HTML 7Page - Renesas Technology Corp R5J64026PFE Datasheet HTML 8Page - Renesas Technology Corp R5J64026PFE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
REJ03B0300-0101
Rev.1.01
Page 4 of 90
Nov 10, 2010
R32C/102 Group
1. Overview
1.2
Product Information
Table 1.3 lists the product information and Figure 1.1 shows the details of the part number.
Notes:
1.
The old package code is as follows: PLQP0176KB-A: 176P6Q-A
2.
Data flash memory provides an additional 8 Kbytes of ROM.
Figure 1.1
Part Numbering
Table 1.3
R32C/102 Group Product List
As of November, 2010
Part Number
Package Code (1)
ROM Capacity (2)
RAM Capacity
Remarks
R5J64026PFE
PLQP0176KB-A
512 Kbytes
+ 8 Kbytes
40 Kbytes
-40°C to 85°C (P version)
DSP performance: 1536 step/fs
R5J64026LPFE
-40°C to 85°C (P version)
DSP performance:1024 step/fs
R5J64029PFE
(D)
1 Mbyte
+ 8 Kbytes
63 Kbytes
-40°C to 85°C (P version)
DSP performance:1536 step/fs
(D): Under development
Part Number
R5 J 64 02 9 P L XXX FE
Package Code
FE : PLQP0176KB-A
ROM Number
Omitted in the flash memory version
Chip Structure and Memory Type
J : System-in-Package, flash memory version
R32C/102 Group
R32C/100 Series
ROM/RAM Capacity
6 : 512 KB/40 KB
9: 1 MB/63 KB
Temperature Code
P : -40°C to 85°C
DSP Performance
L : 1024 step/fs
None : 1536 step/fs


Similar Part No. - R5J64026PFE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
R5J1K0E OHMITE-R5J1K0E Datasheet
195Kb / 1P
   Tubular Radial Terminal Wirewound for PC Board Applications
More results

Similar Description - R5J64026PFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com