Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21546EKFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F21546EKFP
Description  RENESAS MCU
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21546EKFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F21546EKFP Datasheet HTML 6Page - Renesas Technology Corp R5F21546EKFP Datasheet HTML 7Page - Renesas Technology Corp R5F21546EKFP Datasheet HTML 8Page - Renesas Technology Corp R5F21546EKFP Datasheet HTML 9Page - Renesas Technology Corp R5F21546EKFP Datasheet HTML 10Page - Renesas Technology Corp R5F21546EKFP Datasheet HTML 11Page - Renesas Technology Corp R5F21546EKFP Datasheet HTML 12Page - Renesas Technology Corp R5F21546EKFP Datasheet HTML 13Page - Renesas Technology Corp R5F21546EKFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
R8C/54E Group, R8C/54F Group, R8C/54G Group, R8C/54H Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0043EJ0010 Rev.0.10
Page 10 of 52
Mar 15, 2011
1.2
Product List
Table 1.9 shows the R8C/54E Group Product List. Figure 1.1 shows the R8C/54E Group Product Part Number
Structure. Table 1.10 shows the R8C/54F Group Product List. Figure 1.2 shows the R8C/54F Group Product Part
Number Structure. Table 1.11 shows the R8C/54G Group Product List. Figure 1.3 shows the R8C/54G Group
Product Part Number Structure. Table 1.12 shows the R8C/54H Group Product List. Figure 1.4 shows the R8C/54H
Group Product Part Number Structure.
Figure 1.1
R8C/54E Group Product Part Number Structure
Table 1.9
R8C/54E Group Product List
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F21546EJFP
32 Kbytes
1 Kbyte × 4
2.5 Kbytes
PLQP0048KB-A
J version
R5F21547EJFP
48 Kbytes
4 Kbytes
R5F21548EJFP
64 Kbytes
6 Kbytes
R5F2154AEJFP
96 Kbytes
8 Kbytes
R5F2154CEJFP
128 Kbytes
10 Kbytes
R5F21546EKFP
32 Kbytes
2.5 Kbytes
K version
R5F21547EKFP
48 Kbytes
4 Kbytes
R5F21548EKFP
64 Kbytes
6 Kbytes
R5F2154AEKFP
96 Kbytes
8 Kbytes
R5F2154CEKFP
128 Kbytes
10 Kbytes
Current of Mar 2011
Part No . R 5 F 21 54 C E J FP
Package type:
FP: PLQP0048KB-A
(0.5 mm pin pitch, 7
 7 mm square body)
Classification
J: Operating ambient temperature -40 °C to 85 °C
K: Operating ambient temperature -40 °C to 125 °C
Availability of CAN, Data flash
E: CAN module: Yes; Data flash: Yes
F: CAN module: Yes; Data flash: No
G: CAN module: No; Data flash: Yes
H: CAN module: No; Data flash: No
ROM capacity
6: 32 KB
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/54E Group
R8C/5x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F21546EKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21546FJFP RENESAS-R5F21546FJFP Datasheet
623Kb / 81P
   RENESAS MCU
R5F21546FKFP RENESAS-R5F21546FKFP Datasheet
623Kb / 81P
   RENESAS MCU
R5F21546GJFP RENESAS-R5F21546GJFP Datasheet
623Kb / 81P
   RENESAS MCU
R5F21546GKFP RENESAS-R5F21546GKFP Datasheet
623Kb / 81P
   RENESAS MCU
More results

Similar Description - R5F21546EKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com