Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2J20657NP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2J20657NP
Description  Integrated Driver - MOS FET (DrMOS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20657NP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2J20657NP Datasheet HTML 1Page - Renesas Technology Corp R2J20657NP Datasheet HTML 2Page - Renesas Technology Corp R2J20657NP Datasheet HTML 3Page - Renesas Technology Corp R2J20657NP Datasheet HTML 4Page - Renesas Technology Corp R2J20657NP Datasheet HTML 5Page - Renesas Technology Corp R2J20657NP Datasheet HTML 6Page - Renesas Technology Corp R2J20657NP Datasheet HTML 7Page - Renesas Technology Corp R2J20657NP Datasheet HTML 8Page - Renesas Technology Corp R2J20657NP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
R07DS0247EJ0100 Rev.1.00
Page 1 of 16
Jan 25, 2011
Preliminary Datasheet
R2J20657NP
Integrated Driver - MOS FET (DrMOS)
Description
The R2J20657NP multi-chip module incorporates a high-side MOS FET, low-side MOS FET, and MOS-FET driver in
a single QFN package. The on and off timing of the power MOS FET is optimized by the built-in driver, making this
device suitable for large-current buck converters. The chip also incorporates a high-side bootstrap switch, eliminating
the need for an external SBD for this purpose.
Features
 Based on Intel 6  6 DrMOS Specification.
 Built-in power MOS FET suitable for Desktop, Server application.
 Low-side MOS FET with built-in SBD for lower loss and reduced ringing.
 Built-in driver circuit which matches the power MOS FET
 Built-in tri-state input function which can support a number of PWM controllers
 High-frequency operation (above 1 MHz) possible
 VIN operating-voltage range: 20 Vmax
 Large average output current (Max.40 A)
 Achieve low power dissipation
 Controllable driver: Remote on/off
 Low-side MOS FET disabled function for DCM operation
 Double thermal protection: Thermal Warning & Thermal Shutdown
 Built-in bootstrapping Switch
 Small package: QFN40 (6 mm  6 mm  0.95 mm)
 Terminal Pb-free/Halogen-free
Outline
(Bottom view)
Low-side MOS Pad
High-side
MOS Pad
Driver
Pad
40
110
30
21
11
31
20
VIN
GH
BOOT
VCIN Reg5V
DISBL#
LSDBL#
GL
PGND
THWN
PWM
MOS FET Driver
CGND
VSWH
Integrated Driver-MOS FET (DrMOS)
QFN40 package 6 mm
× 6 mm
R07DS0247EJ0100
Rev.1.00
Jan 25, 2011


Similar Part No. - R2J20657NP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20657BNP RENESAS-R2J20657BNP Datasheet
224Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20657CNP RENESAS-R2J20657CNP Datasheet
316Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
Jul 20, 2012
More results

Similar Description - R2J20657NP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20653ANP RENESAS-R2J20653ANP Datasheet
182Kb / 13P
   Integrated Driver - MOS FET (DrMOS)
R2J20604NP RENESAS-R2J20604NP Datasheet
160Kb / 15P
   Integrated Driver - MOS FET (DrMOS)
R2J20658BNP RENESAS-R2J20658BNP Datasheet
226Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP_10 Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20654NP RENESAS-R2J20654NP Datasheet
153Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP_10 Datasheet
139Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20657CNP RENESAS-R2J20657CNP Datasheet
316Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
Jul 20, 2012
R2J20651NP RENESAS-R2J20651NP Datasheet
190Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20605ANP RENESAS-R2J20605ANP Datasheet
161Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20652ANP RENESAS-R2J20652ANP Datasheet
167Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20658NP RENESAS-R2J20658NP Datasheet
167Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com