Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV0216BSB-7SI-B0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R1LV0216BSB-7SI-B0
Description  2Mb Advanced LPSRAM (128k word x 16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0216BSB-7SI-B0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1LV0216BSB-7SI-B0 Datasheet HTML 2Page - Renesas Technology Corp R1LV0216BSB-7SI-B0 Datasheet HTML 3Page - Renesas Technology Corp R1LV0216BSB-7SI-B0 Datasheet HTML 4Page - Renesas Technology Corp R1LV0216BSB-7SI-B0 Datasheet HTML 5Page - Renesas Technology Corp R1LV0216BSB-7SI-B0 Datasheet HTML 6Page - Renesas Technology Corp R1LV0216BSB-7SI-B0 Datasheet HTML 7Page - Renesas Technology Corp R1LV0216BSB-7SI-B0 Datasheet HTML 8Page - Renesas Technology Corp R1LV0216BSB-7SI-B0 Datasheet HTML 9Page - Renesas Technology Corp R1LV0216BSB-7SI-B0 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
R1LV0216BSB
R10DS0051EJ0100 Rev.1.00
Page 6 of 14
2011.03.30
Capacitance
(Vcc = 2.7V ~ 3.6V, f = 1MHz, Ta = 0 ~ +70°C / -40 ~ +85°C*2)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Note
Input capacitance
C in
-
-
8
pF
Vin =0V
1
Input / output capacitance
C I/O
-
-
10
pF
VI/O =0V
1
Note
1. This parameter is sampled and not 100% tested.
2. Ambient temperature range depends on R/I-version. Please see table on page 1.
AC Characteristics
Test Conditions (Vcc = 2.7V ~ 3.6V, Ta = 0 ~ +70°C / -40 ~ +85°C
*1)
• Input pulse levels: VIL = 0.4V, VIH = 2.4V
• Input rise and fall time: 5ns
• Input and output timing reference level: 1.5V
• Output load: See figures (Including scope and jig)
Note
1. Ambient temperature range depends on R/I-version. Please see table on page 1.
DQ
1.5V
RL = 500 ohm
CL = 30 pF


Similar Part No. - R1LV0216BSB-7SI-B0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0216BSB-5SI#B1 RENESAS-R1LV0216BSB-5SI#B1 Datasheet
364Kb / 14P
   R1LV0216BSB
R1LV0216BSB-5SI#S1 RENESAS-R1LV0216BSB-5SI#S1 Datasheet
364Kb / 14P
   R1LV0216BSB
More results

Similar Description - R1LV0216BSB-7SI-B0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0216BSB RENESAS-R1LV0216BSB_15 Datasheet
198Kb / 16P
   2Mb Advanced LPSRAM (128k word x 16bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV0816ASB-5SI RENESAS-R1LV0816ASB-5SI Datasheet
214Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
R1LV0816ABG-5SI RENESAS-R1LV0816ABG-5SI Datasheet
258Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
R1LV0816ASB RENESAS-R1LV0816ASB Datasheet
214Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
2009.12.07
R1LP0108E RENESAS-R1LP0108E Datasheet
128Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_13 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E Datasheet
126Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E_15 Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com