Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20134SP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R2A20134SP
Description  LED Lighting Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134SP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R2A20134SP Datasheet HTML 3Page - Renesas Technology Corp R2A20134SP Datasheet HTML 4Page - Renesas Technology Corp R2A20134SP Datasheet HTML 5Page - Renesas Technology Corp R2A20134SP Datasheet HTML 6Page - Renesas Technology Corp R2A20134SP Datasheet HTML 7Page - Renesas Technology Corp R2A20134SP Datasheet HTML 8Page - Renesas Technology Corp R2A20134SP Datasheet HTML 9Page - Renesas Technology Corp R2A20134SP Datasheet HTML 10Page - Renesas Technology Corp R2A20134SP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
R2A20134SP
Preliminary
R03DS0033EJ0200 Rev.2.00
Page 8 of 10
Jun 03, 2011
3. Gate Drive Output (Zero Current Detection Mode)
CS
OUT
COMP
IL
Zero Current Detect Zoom-up
0.8
μs
13 mV
RAMP+1V
(Internal signal)
CS
IL
RAMP
(Internal signal)
RAMP+1V
(Internal signal)
RAMP
(Internal signal)
13 mV
COMP
0.6 V
0 A
OUT
Peak Current Mode Operation
Error Amp Operation
0 A


Similar Part No. - R2A20134SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
   LED Lighting Power Controller
More results

Similar Description - R2A20134SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
   LED Lighting Power Controller
Jan 08, 2016
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
   LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_15 Datasheet
117Kb / 12P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com