Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20133DSP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R2A20133DSP
Description  Critical Conduction Mode PFC Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20133DSP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R2A20133DSP Datasheet HTML 6Page - Renesas Technology Corp R2A20133DSP Datasheet HTML 7Page - Renesas Technology Corp R2A20133DSP Datasheet HTML 8Page - Renesas Technology Corp R2A20133DSP Datasheet HTML 9Page - Renesas Technology Corp R2A20133DSP Datasheet HTML 10Page - Renesas Technology Corp R2A20133DSP Datasheet HTML 11Page - Renesas Technology Corp R2A20133DSP Datasheet HTML 12Page - Renesas Technology Corp R2A20133DSP Datasheet HTML 13Page - Renesas Technology Corp R2A20133DSP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
R2A20133DSP
Preliminary
R03DS0052EJ0100 Rev.1.00
Page 10 of 13
Dec 19, 2011
6. Overcurrent Protection (OCP)
0V
–0.6V
COMP
CS
IL
OUT
RAMP
(Internal signal)
RAMP+1V
(Internal signal)
7. Frequency Limiter
Tmin = Zcd_delay + Zcd_mask = 1/fmax
Mask
Mask
0A
IL
OUT
ZCD_pulse
(Internal signal)
ZCD_mask
(Internal signal)
1.13
μs
ZCD_delay
0.87
μs
(adjustable)
Mask


Similar Part No. - R2A20133DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20133DSP RENESAS-R2A20133DSP Datasheet
287Kb / 14P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20133DSPW5 RENESAS-R2A20133DSPW5 Datasheet
287Kb / 14P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_16 Datasheet
288Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_V01 Datasheet
287Kb / 14P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
More results

Similar Description - R2A20133DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
   Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20133BSP RENESAS-R2A20133BSP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_16 Datasheet
288Kb / 14P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com