Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20114ASPW5 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R2A20114ASPW5
Description  Continuous Conduction Mode Interleaving PFC Control IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20114ASPW5 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R2A20114ASPW5 Datasheet HTML 4Page - Renesas Technology Corp R2A20114ASPW5 Datasheet HTML 5Page - Renesas Technology Corp R2A20114ASPW5 Datasheet HTML 6Page - Renesas Technology Corp R2A20114ASPW5 Datasheet HTML 7Page - Renesas Technology Corp R2A20114ASPW5 Datasheet HTML 8Page - Renesas Technology Corp R2A20114ASPW5 Datasheet HTML 9Page - Renesas Technology Corp R2A20114ASPW5 Datasheet HTML 10Page - Renesas Technology Corp R2A20114ASPW5 Datasheet HTML 11Page - Renesas Technology Corp R2A20114ASPW5 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
R2A20114AFP/ASP
Preliminary
R03DS0051EJ0100 Rev.1.00
Page 8 of 16
Aug 29, 2011
Electrical Characteristics
(Ta = 25°C, VCC = 12 V, CT = 1000 pF, RT = 27 k
, CS1, CS2 = GND, IRAMP = 10 k, BO = 1 V, VAC = 0 V,
RS = 220 k
, FMC = GND (*1), FM = GND (*2), FB = COMP)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
UVLO turn-on threshold
Vuvlh
9.7
10.4
11.1
V
UVLO turn-off threshold
Vuvll
8.4
8.9
9.4
V
UVLO hysteresis
Hysuvl
1.0
1.5
2.0
V
Standby current
Istby
100
160
A
VCC = 8.9 V
Supply
Operating current
Icc
5
7.5
mA
Output voltage
Vref
4.85
5.00
5.15
V
Isource = –1 mA
Line regulation
Vref-line
5
20
mV
Isource = –1 mA,
VCC = 10 V to 24 V
Load regulation
Vref-load
5
20
mV
Isource = –1 mA to -5 mA
VREF
Temperature stability
dVref
80
ppm/°C
Ta = –40 to 125°C (*
3)
Feedback voltage
Vfb
2.462
2.500
2.538
V
FB-COMP Short
Input bias current (*
1)
Ifb
–0.5
–0.3
–0.05
A
Measured pin: FB
Input bias current (*
2)
Ifb
–1.3
–0.8
–0.25
A
Measured pin: FB
Open loop gain
Av
40
dB
(*
3)
Upper clamp voltage
Vclamp-comp
3.8
4.0
4.3
V
FB = 2.0 V, COMP: Open
Low voltage
Vl-comp
0.0
0.1
0.3
V
FB = 3.0 V, COMP: Open
Source current
Isrc-comp
–190
–135
–80
A
FB = 1.5 V, COMP = 2.5 V
Sink current 1
Isnk-comp1
120
A
(*
3)
Sink current 2
Isnk-comp2
220
320
420
A
FB =3.5 V, COMP = 2.5 V
Error
amplifier
Transconductance
gm
120
200
290
s
FB = 2.45 V ↔ 2.55 V,
COMP = 2.5 V
PFC enable voltage
Von-pfc
0.74
0.82
0.9
V
Input pin: BO
Brownout
PFC disable voltage
Voff-pfc
0.73
0.81
0.89
V
Input pin: BO
Initial accuracy
fout
70
78
86
kHz
Measured pin: OUT,
FMC = 0 V
fout temperature stability
dfout/dTa
0.1
%/°C
Ta = –40 to 125°C (*
3)
fout voltage stability
fout-line
–1.5
0.5
1.5
%
VCC = 12 V to 18 V
CT top voltage
Vct-H
3.6
4.0
V
(*
3)
RT voltage
Vrt
1.15
1.25
1.35
V
FMC sink current (*
1)/
FM sink current (*
2)
Isnk-fmc (*
1)/
Isnk-fm (*
2)
6
11
16
A
FMC = 1 V (*
1)/
FM = 1 V (*
2)
FMC source current (*
1)/
FM source current (*
2)
Iso-fmc (*
1)/
Iso-fm (*
2)
–16.5
–11.5
–6.5
A
FMC = 1 V (*
1)/
FM = 1 V (*
2)
FM magnitude change
dfm
19
24
29
kHz
FMC = 5 V (*
1)/FM = 5 V (*2)
(*
3, *4)
FM frequency 1 (*
1)
ffm1
0.25
0.38
0.5
kHz
FMC = 6.8 nF, FMR = 4 V
(*
4)
FM frequency 2 (*
1)
ffm2
14
25
35
kHz
FMC = 220 pF, FMR = 1.2 V
(*
4)
Oscillator
FM frequency (*
2)
ffm
6
10
14
kHz
FM = 220 pF (*
4)
Notes: *1 Applied to R2A20114AFP
*2 Applied to R2A20114ASP
*3 Design Specification (Reference data)
*4 Refer to the figure shown below:
Switching frequency
time
dfm
ffm = 1/T


Similar Part No. - R2A20114ASPW5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114ASPW5 RENESAS-R2A20114ASPW5 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114ASPW5 RENESAS-R2A20114ASPW5 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
More results

Similar Description - R2A20114ASPW5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com