Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV0216BSB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part No. R1LV0216BSB
Description  2Mb Advanced LPSRAM (128k word x 16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R1LV0216BSB Datasheet(HTML) 14 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
R1LV0216BSB
R10DS0051EJ0100 Rev.1.00
Page 14 of 14
2011.03.30
Low Vcc Data Retention Timing Waveforms
CS#
Vcc
(1) CS# Controlled
tCDR
tR
2.7V
2.7V
2.2V
2.2V
VDR
CS# ≥ Vcc - 0.2V
LB#, UB#
Vcc
(2) LB#, UB# Controlled
tCDR
tR
2.7V
2.7V
2.2V
2.2V
VDR
LB#, UB# ≥ Vcc - 0.2V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn