Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV0216BSB Datasheet(PDF) 13 Page - Renesas Technology Corp

Part No. R1LV0216BSB
Description  2Mb Advanced LPSRAM (128k word x 16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R1LV0216BSB Datasheet(HTML) 13 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
R1LV0216BSB
R10DS0051EJ0100 Rev.1.00
Page 13 of 14
2011.03.30
Low Vcc Data Retention Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
*2
VCC for data retention
VDR
2.0
-
3.6
V
Vin ≥ 0V
(1) CS# ≥ Vcc-0.2V or
(2) LB# = UB# ≥ Vcc-0.2V,
CS# ≤ 0.2V
-
1
*1
2
μA
~+25°C
-
-
3
μA
~+40°C
-
-
8
μA
~+70°C
Data retention current
ICCDR
-
-
10
μA
~+85°C
Vcc=3.0V, Vin ≥ 0V
(1) CS# ≥ Vcc-0.2V or
(2) LB# = UB# ≥ Vcc-0.2V,
CS# ≤ 0.2V
Chip deselect to data retention time
tCDR
0
-
-
ns
Operation recovery time
tR
5
-
-
ms
See retention waveform.
Note
1. Typical parameter indicates the value for the center of distribution at 3.0V (Ta= 25ºC), and not 100% tested.
2. CS# controls address buffer, WE# buffer, OE# buffer, LB# buffer, UB# buffer and Din buffer. If CS# controls
data retention mode, Vin levels (address, WE#, OE#, LB#, UB#, DQ) can be in the high impedance state.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn