Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV0216BSB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. R1LV0216BSB
Description  2Mb Advanced LPSRAM (128k word x 16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R1LV0216BSB Datasheet(HTML) 1 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
R10DS0051EJ0100 Rev.1.00
Page 1 of 14
2011.03.30
R1LV0216BSB
2Mb Advanced LPSRAM (128k word x 16bit)
Description
The R1LV0216BSB is a family of low voltage 2-Mbit static RAMs organized as 131,072-word by 16-bit, fabricated
by Renesas’s high-performance 0.15um CMOS and TFT technologies. The R1LV0216BSB has realized higher density,
higher performance and low power consumption. The R1LV0216BSB is suitable for memory applications where a
simple interfacing, battery operating and battery backup are the important design objectives. The R1LV0216BSB has
been packaged in 44-pin TSOP.
Features
• Single 2.7~3.6V power supply
• Small stand-by current: 1µA (3.0V, typical)
• No clocks, No refresh
• All inputs and outputs are TTL compatible.
• Easy memory expansion by CS#, LB# and UB#
• Common Data I/O
• Three-state outputs: OR-tie Capability
• OE# prevents data contention on the I/O bus
Ordering Information
Orderable Part Name
Access
time
Temperature
Range
Package
Shipping
Container
Quantity
R1LV0216BSB-5SR#B0
0 ~ +70°C
R1LV0216BSB-5SI#B0
55 ns
-40 ~ +85°C
R1LV0216BSB-7SR#B0
0 ~ +70°C
R1LV0216BSB-7SI#B0
70 ns
-40 ~ +85°C
Tray
Max. 135pcs/Tray
Max. 1080pcs/Inner Box
R1LV0216BSB-5SR#S0
0 ~ +70°C
R1LV0216BSB-5SI#S0
55 ns
-40 ~ +85°C
R1LV0216BSB-7SR#S0
0 ~ +70°C
R1LV0216BSB-7SI#S0
70 ns
-40 ~ +85°C
400-mil 44pin plastic
TSOP (II)
(normal-bend type)
PTSB0044GD-B
(44P3F-B)
Embossed
tape
1000pcs/Reel
R10DS0051EJ0100
Rev.1.00
2011.03.30


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn