Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV0216BSB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. R1LV0216BSB
Description  2Mb Advanced LPSRAM (128k word x 16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R1LV0216BSB Datasheet(HTML) 7 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
R1LV0216BSB
R10DS0051EJ0100 Rev.1.00
Page 7 of 14
2011.03.30
Read Cycle
R1LV0216BSB-5S*
R1LV0216BSB-7S*
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Read cycle time
tRC
55
-
70
-
ns
Address access time
tAA
-
55
-
70
ns
Chip select access time
tACS
-
55
-
70
ns
Output enable to output valid
tOE
-
30
-
35
ns
Output hold from address change
tOH
10
-
10
-
ns
LB#, UB# access time
tBA
-
55
-
70
ns
Chip select to output in low-Z
tCLZ
10
-
10
-
ns
2,3
LB#, UB# enable to low-Z
tBLZ
10
-
10
-
ns
2,3
Output enable to output in low-Z
tOLZ
5
-
5
-
ns
2,3
Chip deselect to output in high-Z
tCHZ
0
20
0
25
ns
1,2,3
LB#, UB# disable to high-Z
tBHZ
0
20
0
25
ns
1,2,3
Output disable to output in high-Z
tOHZ
0
20
0
25
ns
1,2,3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn