Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV0216BSB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. R1LV0216BSB
Description  2Mb Advanced LPSRAM (128k word x 16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R1LV0216BSB Datasheet(HTML) 5 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
R1LV0216BSB
R10DS0051EJ0100 Rev.1.00
Page 5 of 14
2011.03.30
DC Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Vcc
2.7
3.0
3.6
V
Supply voltage
Vss
0
0
0
V
Input high voltage
VIH
2.2
-
Vcc+0.3
V
Input low voltage
VIL
-0.3
-
0.6
V
1
R Ver.
0
-
+70
°C
2
Ambient temperature range
I Ver.
Ta
-40
-
+85
°C
2
Note
1. –3.0V for pulse ≤ 30ns (full width at half maximum)
2. Ambient temperature range depends on R/I-version. Please see table on page 1.
DC Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Input leakage current
| ILI |
-
-
1
μA
Vin = Vss to Vcc
Output leakage current
| ILO |
-
-
1
μA
CS# = LB# = UB# = VIH or OE# =VIH,
VI/O =Vss to Vcc
ICC1
-
15
25
mA
Min. cycle, duty =100%, II/O = 0mA
CS# =VIL, Others = VIH/VIL
Average operating current
ICC2
-
2
5
mA
Cycle =1
μs, duty =100%, II/O = 0mA
CS# ≤ 0.2V,
VIH ≥ Vcc-0.2V, VIL ≤ 0.2V
Standby current
ISB
-
-
0.5
mA
(1) CS# = VIH, Others =VIH/VIL or
(2) LB# = UB# = VIH, Others =VIH/VIL
-
1
*1
2
μA
~+25°C
-
-
3
μA
~+40°C
-
-
8
μA
~+70°C
Standby current
ISB1
-
-
10
μA
~+85°C
Vin = Vss to Vcc
(1) CS# ≥ Vcc-0.2V or
(2) LB# = UB# ≥ Vcc-0.2V,
CS# ≤ 0.2V
VOH
2.4
-
-
V
IOH = -0.5mA
Output high voltage
VOH2
Vcc
- 0.5
-
-
V
IOH = -0.05mA
Output low voltage
VOL
-
-
0.4
V
IOL = 2mA
Note
1. Typical parameter indicates the value for the center of distribution at 3.0V (Ta= 25ºC), and not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn