Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV0216BSB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. R1LV0216BSB
Description  2Mb Advanced LPSRAM (128k word x 16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R1LV0216BSB Datasheet(HTML) 4 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
R1LV0216BSB
R10DS0051EJ0100 Rev.1.00
Page 4 of 14
2011.03.30
Operation Table
CS#
LB#
UB#
WE#
OE#
DQ0~7
DQ8~15
Operation
H
X
X
X
X
High-Z
High-Z
Stand-by
X
H
H
X
X
High-Z
High-Z
Stand-by
L
L
H
L
X
Din
High-Z
Write in lower byte
L
L
H
H
L
Dout
High-Z
Read in lower byte
L
L
H
H
H
High-Z
High-Z
Output disable
L
H
L
L
X
High-Z
Din
Write in upper byte
L
H
L
H
L
High-Z
Dout
Read in upper byte
L
H
L
H
H
High-Z
High-Z
Output disable
L
L
L
L
X
Din
Din
Word write
L
L
L
H
L
Dout
Dout
Word read
L
L
L
H
H
High-Z
High-Z
Output disable
Note 1. H: VIH L:VIL
X: VIH or VIL
Absolute Maximum
Parameter
Symbol
Value
unit
Power supply voltage relative to Vss
Vcc
-0.5 to +4.6
V
Terminal voltage on any pin relative to Vss
VT
-0.5
*1 to Vcc+0.5*2
V
Power dissipation
PT
0.7
W
R Ver.
0 to +70
Operation temperature
Topr
*3
I Ver.
-40 to +85
°C
Storage temperature range
Tstg
-65 to 150
°C
R Ver.
0 to +70
Storage temperature range under bias
Tbias
*3
I Ver.
-40 to +85
°C
Note
1. –3.0V for pulse ≤ 30ns (full width at half maximum)
2. Maximum voltage is +4.6V.
3. Ambient temperature range depends on R/I-version. Please see table on page 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn