Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB-C505-2RM Datasheet(PDF) 40 Page - Siemens Semiconductor Group

Part # SAB-C505-2RM
Description  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C505-2RM Datasheet(HTML) 40 Page - Siemens Semiconductor Group

Back Button SAB-C505-2RM Datasheet HTML 36Page - Siemens Semiconductor Group SAB-C505-2RM Datasheet HTML 37Page - Siemens Semiconductor Group SAB-C505-2RM Datasheet HTML 38Page - Siemens Semiconductor Group SAB-C505-2RM Datasheet HTML 39Page - Siemens Semiconductor Group SAB-C505-2RM Datasheet HTML 40Page - Siemens Semiconductor Group SAB-C505-2RM Datasheet HTML 41Page - Siemens Semiconductor Group SAB-C505-2RM Datasheet HTML 42Page - Siemens Semiconductor Group SAB-C505-2RM Datasheet HTML 43Page - Siemens Semiconductor Group SAB-C505-2RM Datasheet HTML 44Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
Semiconductor Group
40
1997-12-01
C505 / C505C
C505A / C505CA
8-Bit A/D Converter (C505 and C505C only)
The C505/C505C includes a high performance / high speed 8-bit A/D converter (ADC) with 8 analog
input channels. It operates with a successive approximation technique and provides the following
features:
– 8 multiplexed input channels (port 1), which can also be used as digital outputs/inputs
– 8-bit resolution
– Internal start-of-conversion trigger
– Interrupt request generation after each conversion
– Single or continuous conversion mode
The 8-bit ADC uses two clock signals for operation : the conversion clock
fADC (=1/tADC) and the
input clock
fIN (1/tIN). fADC is derived from the C505 system clock fOSC which is applied at the XTAL
pins via the ADC clock prescaler as shown in figure 17. The input clock is equal to
fOSC. The
conversion clock
fADC is limited to a maximum frequency of 1.25 MHz. Therefore, the ADC clock
prescaler must be programmed to a value which assures that the conversion clock does not exceed
1.25 MHz. The prescaler ratio is selected by the bits ADCL1 and ADCL0 of SFR ADCON1.
Figure 17
8-Bit A/D Converter Clock Selection
MCU System Clock
Rate (
fOSC)
fIN
[MHz]
Prescaler
Ratio
fADC
[MHz]
ADCL1
ADCL0
2 MHz
2
÷ 4
0.5
0
0
5 MHz
5
÷ 4
1.25
0
0
6 MHz
6
÷ 8
0.75
0
1
10 MHz
10
÷ 8
1.25
0
1
12 MHz
12
÷ 16
0.75
1
0
16 MHz
16
÷ 16
1
1
0
20 MHz
20
÷ 16
1.25
1
0
MCS03299
f OSC
MUX
Clock Prescaler
Conversion Clock
Input Clock
f ADC
IN
f
ADCL1
A / D
Converter
Condition: ADC max
f
< 1.25 MHz
IN
f
= f OSC =
CLP
1
32
8
4
16
ADCL0


Similar Part No. - SAB-C505-2RM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB-C505 INFINEON-SAB-C505 Datasheet
487Kb / 85P
   8-bit CMOS Microcontroller
06.99
SAB-C505L INFINEON-SAB-C505L Datasheet
487Kb / 85P
   8-bit CMOS Microcontroller
06.99
More results

Similar Description - SAB-C505-2RM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com