Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C513A-2RN Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # C513A-2RN
Description  8-Bit CMOS Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C513A-2RN Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button C513A-2RN Datasheet HTML 5Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 6Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 7Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 8Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 9Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 10Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 11Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 12Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
C511 / C513
Semiconductor Group
9
P3.0-P3.7
11,
13-19
11
13
14
15
16
17
18
19
5, 7-13
5
7
8
9
10
11
12
13
I/O
Port 3
is a bidirectional I/O port with internal pull-up resistors.
Port 3 pins that have 1s written to them are pulled high by
the internal pullup resistors, and in that state can be used
as inputs. As inputs, port 3 pins being externally pulled
low will source current (
I
IL, in the DC characteristics)
because of the internal pullup resistors. Port 3 also
contains the interrupt, timer, serial port and external
memory strobe pins that are used by various options. The
output latch corresponding to a secondary function must
be programmed to a one (1) for that function to operate.
The secondary functions are assigned to the pins of port
3 as follows:
P3.0
RXD
Receiver data input (asynchronous)
or data input/output (synchronous)
of serial interface (USART) 1)
P3.1
TXD
Transmitter data output (USART) 1)
(asynchronous) or clock output
(synchronous) of serial interface
P3.2
INT0
Interrupt 0 input / timer 0 gate control
P3.3
INT1
Interrupt 1 input / timer 1 gate control
P3.4
T0
Counter 0 input
P3.5
T1
Counter 1 input
P3.6
WR
Write control signal : latches the data
byte from port 0 into the external
data memory
P3.7
RD
Read control signal : enables the
external data memory to port 0
1) not available in the C511/511A
XTAL2
20
14
XTAL2
Output of the inverting oscillator amplifier.
*) I = Input
O = Output
Table 3
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-
44
P-MQFP-
44


Similar Part No. - C513A-2RN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C513A-H SIEMENS-C513A-H Datasheet
1Mb / 128P
   8-Bit CMOS Microcontroller
logo
Marktech Corporate
C513A-MSN-CV0Y0131 MARKTECH-C513A-MSN-CV0Y0131 Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
C513A-MSN-CV0Y0231 MARKTECH-C513A-MSN-CV0Y0231 Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
C513A-MSN-CV0Y0511 MARKTECH-C513A-MSN-CV0Y0511 Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
C513A-MSN-CW0Y0231 MARKTECH-C513A-MSN-CW0Y0231 Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
More results

Similar Description - C513A-2RN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com