Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LP5256E Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R1LP5256E
Description  256Kb Advanced LPSRAM (32k word x 8bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP5256E Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R1LP5256E Datasheet HTML 7Page - Renesas Technology Corp R1LP5256E Datasheet HTML 8Page - Renesas Technology Corp R1LP5256E Datasheet HTML 9Page - Renesas Technology Corp R1LP5256E Datasheet HTML 10Page - Renesas Technology Corp R1LP5256E Datasheet HTML 11Page - Renesas Technology Corp R1LP5256E Datasheet HTML 12Page - Renesas Technology Corp R1LP5256E Datasheet HTML 13Page - Renesas Technology Corp R1LP5256E Datasheet HTML 14Page - Renesas Technology Corp R1LP5256E Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
R1LP5256E Series
R10DS0070EJ0100 Rev.1.00
Page 13 of 13
2011.04.13
Low Vcc Data Retention Timing Waveforms
CS#
Vcc
CS# Controlled
tCDR
tR
4.5V
4.5V
2.2V
2.2V
VDR
CS# ≥ Vcc - 0.2V


Similar Part No. - R1LP5256E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP5256ESA-5SI#B1 RENESAS-R1LP5256ESA-5SI#B1 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM
R1LP5256ESA-5SI#S1 RENESAS-R1LP5256ESA-5SI#S1 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM
R1LP5256ESP-5SI#B0 RENESAS-R1LP5256ESP-5SI#B0 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM
R1LP5256ESP-5SI#S0 RENESAS-R1LP5256ESP-5SI#S0 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM
R1LP5256E RENESAS-R1LP5256E_15 Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
More results

Similar Description - R1LP5256E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV5256E RENESAS-R1LV5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV5256E RENESAS-R1LV5256E Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP5256E RENESAS-R1LP5256E_15 Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV5256E RENESAS-R1LV5256E_15 Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP0108E RENESAS-R1LP0108E Datasheet
128Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0808ASB-5SI RENESAS-R1LV0808ASB-5SI Datasheet
233Kb / 17P
   8Mb Advanced LPSRAM (1024k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_13 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV0108E RENESAS-R1LV0108E Datasheet
126Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com