Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9309L2-E3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS9309L2-E3
Description  LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9309L2-E3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS9309L2-E3 Datasheet HTML 2Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 3Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 4Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 5Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 6Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 7Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 8Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 9Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9309L, PS9309L2
Chapter Title
R08DS0047EJ0001 Rev.0.01
Page 6 of 12
Feb 20, 2012
ELECTRICAL CHARACTERISTICS
(TA =
−40 to +110°C, VCC = 4.5 to 20 V, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.3
1.55
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Input Capacitance
Ct
VF = 0 V, f = 1 MHZ,
TA = 25
°C
30
pF
Detector
High Level Output Voltage
VOH
VCC = 4.5 V, IO =
−2.6 mA,
IF = 4 mA
2.7
3.2
V
VCC = 20 V, IO =
−2.6 mA,
IF = 4 mA
17.4
18.6
Low Level Output Voltage
*2
VOL
IO = 3.5 mA, IF = 0 mA
0.25
0.6
V
High Level Supply Current
ICCH
VCC = 4.5 V, IF = 4 mA
0.98
3
mA
VCC = 20 V, IF = 4 mA
1.32
3
Low Level Supply Current
ICCL
VCC = 4.5 V, IF = 0 mA
1.23
3
mA
VCC = 20 V, IF = 0 mA
1.53
3
IOSH
High Level Output Short
*3
Circuit Current
VCC = 4.5 V, VO = GND,
IF = 4 mA
−7
−45
mA
Low Level Output Short
*3
Circuit Current
IOSL
VCC = VO = 4.5 V, VF = 0 V
7
34
mA
Coupled
Threshold Input Current
IFLH
VCC = 4.5 V, VO > 2.7 V,
IO =
−2.6 mA
1.57
3
mA
Isolation Resistance
RI-O
VI-O = 500 VDC, RH = 60%,
TA = 25
°C
10
12
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz,
TA = 25
°C
0.6
pF
Propagation Delay Time
(H
→ L)
*4
tPHL
CL = 15 pF,
IF = 4
→ 0 mA, VTHHL = 1.3 V
124
200
ns
Propagation Delay Time
(L
→ H)
*4
tPLH
CL = 15 pF,
IF = 0
→ 4 mA, VTHLH = 1.3 V
113
200
ns
Pulse Width Distortion
(PWD)
⏐tPLH-tPHL⏐ CL = 15 pF,
IF = 4
↔ 0 mA
11
80
ns
Maximum Propagation
Delays (PDD)
80
Rise Time (10-90%)
*4
tr
CL = 15 pF,
IF = 0
→ 4 mA
24
ns
Fall Time (90-10%)
*4
tf
CL = 15 pF,
IF = 4
→ 0 mA
3.2
ns
Common Mode
Transient Immunity at High
Level Output
*5
CMH
VCC = 5 V, TA = 25
°C,
IF = 4 mA,
⏐VCM⏐ = 1.0 kV
15
kV/
μs
Common Mode
Transient Immunity at Low
Level Output
*5
CML
VCC = 5 V, TA = 25
°C,
IF = 0 mA,
⏐VCM⏐ = 1.0 kV
15
kV/
μs
Notes: *1. Typical values at TA = 25
°C
*2. Because VO of 2.4 V may be output when the LED current is not input and when output supply of VCC = 4.5 V or
less, it is important to confirm the characteristics (operation with the power supply on and off) during design,
before using this device.
*3. Duration of output short circuit time should not exceed 10 ms.


Similar Part No. - PS9309L2-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9309L2-E3 CEL-PS9309L2-E3 Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9309L2-E3 RENESAS-PS9309L2-E3 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L2-E3-AX CEL-PS9309L2-E3-AX Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9309L2-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com