Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-C509-L Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SAF-C509-L
Description  8-Bit CMOS Microcontroller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C509-L Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SAF-C509-L Datasheet HTML 4Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 5Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 6Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 9Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 10Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 11Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
Semiconductor Group
7
09.96
C509-L
P2.0 – P2.7
14-21
I/O
Port 2
is a 8-bit I/O port. Port 2 emits the high-order address
byte during fetches from external program memory and
during accesses to external data memory that use 16-bit
addresses (MOVX @DPTR). In this application it uses
strong internal pullup resistors when issuing 1s. During
accesses to external data memory that use 8-bit
addresses (MOVX @Ri), port 2 issues the contents of the
P2 special function register.
P2.0 - P2.7
A8 - A15
Address lines 8 - 15
PSEN / RDF
22
O
Program Store Enable / Read FLASH
The PSEN output is a control signal that enables the
external program memory to the bus during external
code fetch operations. It is activated every third
oscillator period. PSEN is not activated during external
data memory accesses caused by MOVX instructions.
PSEN is not activated when instructions are executed
from the internal Boot ROM or from the XRAM.
In external programming mode RDF becomes active
when executing external data memory read (MOVX)
instructions.
ALE
23
O
Address Latch Enable
This output is used for latching the low byte of the
address into external memory during normal operation.
It is activated every third oscillator period except during
an external data memory access caused by MOVX
instructions.
EA
24
I
External Access Enable
The status of this pin is latched at the end of a reset.
When held at low level, the C509-L fetches all
instructions from the external program memory. For the
C509-L this pin must be tied low.
PRGEN
25
I
External Flash-EPROM Program Enable
A low level at this pin disables the programming of an
external Flash-EPROM. To enable the programming of
an external Flash-EPROM, the pin PRGEN must be held
at high level and bit PRGEN1 in SFR SYSCON1 has to
be set. There is no internal pullup resistor connected to
this pin.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*)
Function


Similar Part No. - SAF-C509-L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C509-LM INFINEON-SAF-C509-LM Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
09.96
More results

Similar Description - SAF-C509-L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com