Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB-C504-2RM Datasheet(PDF) 37 Page - Siemens Semiconductor Group

Part # SAB-C504-2RM
Description  8-Bit CMOS Microcontroller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C504-2RM Datasheet(HTML) 37 Page - Siemens Semiconductor Group

Back Button SAB-C504-2RM Datasheet HTML 33Page - Siemens Semiconductor Group SAB-C504-2RM Datasheet HTML 34Page - Siemens Semiconductor Group SAB-C504-2RM Datasheet HTML 35Page - Siemens Semiconductor Group SAB-C504-2RM Datasheet HTML 36Page - Siemens Semiconductor Group SAB-C504-2RM Datasheet HTML 37Page - Siemens Semiconductor Group SAB-C504-2RM Datasheet HTML 38Page - Siemens Semiconductor Group SAB-C504-2RM Datasheet HTML 39Page - Siemens Semiconductor Group SAB-C504-2RM Datasheet HTML 40Page - Siemens Semiconductor Group SAB-C504-2RM Datasheet HTML 41Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Semiconductor Group
37
C504
A/D Converter Characteristics
V
CC = 5 V + 10%, – 15%; VSS =0V
T
A = 0 to 70 °C
for the SAB-C504
4V
≤ V
AREF
≤ V
CC + 0.1 V;
T
A = – 40 to 85 °C
for the SAF-C504
V
SS – 0.1 V
≤ V
AGND
≤ V
SS + 0.2 V;
T
A = – 40 to 110 °C
for the SAH-C504
T
A = – 40 to 125 °C
for the SAK-C504
Notes see next page.
Clock calculation table :
Further timing conditions : tADC min = 500 ns
tIN = 2 / fOSC = 2 tCLCL
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Analog input voltage
V
AIN
V
AGND
V
AREF
V
1)
Sample time
t
S
64 x
t
IN
32 x
t
IN
16 x
t
IN
8 x
t
IN
ns
Prescaler
÷ 32
Prescaler
÷ 16
Prescaler
÷ 8
Prescaler
÷ 4 2)
Conversion cycle time
t
ADCC
384 x
t
IN
192 x
t
IN
96 x
t
IN
48 x
t
IN
ns
Prescaler
÷ 32
Prescaler
÷ 16
Prescaler
÷ 8
Prescaler
÷ 4 3)
Total unadjusted error
TUE
± 2
LSB
VSS + 0.5V ≤ VIN ≤ VCC – 0.5V
4)
± 4
LSB
VSS < VIN < VSS + 0.5V
VCC – 0.5V < VIN < VCC
4)
Internal resistance of
reference voltage source
R
AREF
t
ADC / 250
– 0.25
k
t
ADC in [ns]
5) 6)
Internal resistance of
analog source
R
ASRC
t
S / 500
– 0.25
k
t
S in [ns]
2) 6)
ADC input capacitance
C
AIN
–50
pF
6)
Clock Prescaler
Ratio
ADCL1, 0
tADC
tS
tADCC
÷ 32
1
1
32 x tIN
64 x tIN
384 x tIN
÷ 16
1
0
16 x tIN
32 x tIN
192 x tIN
÷ 8
0
1
8 x tIN
16 x tIN
96 x tIN
÷ 4
0
0
4 x tIN
8 x tIN
48 x tIN


Similar Part No. - SAB-C504-2RM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB-C504 INFINEON-SAB-C504 Datasheet
1Mb / 71P
   8-Bit Single-Chip Microcontroller
May 2000
More results

Similar Description - SAB-C504-2RM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com