Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C505C-2RM Datasheet(PDF) 78 Page - Siemens Semiconductor Group

Part # C505C-2RM
Description  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C505C-2RM Datasheet(HTML) 78 Page - Siemens Semiconductor Group

Back Button C505C-2RM Datasheet HTML 74Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 75Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 76Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 77Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 78Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 79Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 80Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 81Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 82Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
Semiconductor Group
78
1997-12-01
C505 / C505C
C505A / C505CA
AC Characteristics of Programming Mode (C505A and C505CA only)
V
CC = 5 V ± 10 %; VPP = 11.5 V ± 5 %;
T
A = 25 °C ± 10 °C
Parameter
Symbol
Limit Values
Unit
min.
max.
ALE pulse width
t
PAW
35
ns
PMSEL setup to ALE rising edge
t
PMS
10
Address setup to ALE, PROG, or PRD falling
edge
t
PAS
10
ns
Address hold after ALE, PROG, or PRD
falling edge
t
PAH
10
ns
Address, data setup to PROG or PRD
t
PCS
100
ns
Address, data hold after PROG or PRD
t
PCH
0–ns
PMSEL setup to PROG or PRD
t
PMS
10
ns
PMSEL hold after PROG or PRD
t
PMH
10
ns
PROG pulse width
t
PWW
100
µs
PRD pulse width
t
PRW
100
ns
Address to valid data out
t
PAD
–75
ns
PRD to valid data out
t
PRD
–20
ns
Data hold after PRD
t
PDH
0–ns
Data float after PRD
t
PDF
–20
ns
PROG high between two consecutive PROG
low pulses
t
PWH1
1–
µs
PRD high between two consecutive PRD low
pulses
t
PWH2
100
ns
XTAL clock period
t
CLKP
83.3
500
ns


Similar Part No. - C505C-2RM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C505C-2R INFINEON-C505C-2R Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
More results

Similar Description - C505C-2RM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com