Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C505C-2RM Datasheet(PDF) 48 Page - Siemens Semiconductor Group

Part # C505C-2RM
Description  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C505C-2RM Datasheet(HTML) 48 Page - Siemens Semiconductor Group

Back Button C505C-2RM Datasheet HTML 44Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 45Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 46Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 47Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 48Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 49Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 50Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 51Page - Siemens Semiconductor Group C505C-2RM Datasheet HTML 52Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
Semiconductor Group
48
1997-12-01
C505 / C505C
C505A / C505CA
Fail Save Mechanisms
The C505 offers enhanced fail safe mechanisms, which allow an automatic recovery from software
upset or hardware failure :
– a programmable watchdog timer (WDT), with variable time-out period from 192
µs up to
approx. 412.5 ms at 16 MHz.
– an oscillator watchdog (OWD) which monitors the on-chip oscillator and forces the
microcontroller into reset state in case the on-chip oscillator fails; it also provides the clock for
a fast internal reset after power-on.
The watchdog timer in the C505 is a 15-bit timer, which is incremented by a count rate of
f
OSC/12
upto
f
OSC/192. The system clock of the C505 is divided by two prescalers, a divide-by-two and a
divide-by-16 prescaler. For programming of the watchdog timer overflow rate, the upper 7 bits of the
watchdog timer can be written. Figure 24 shows the block diagram of the watchdog timer unit.
Figure 24
Block Diagram of the Programmable Watchdog Timer
The watchdog timer can be started by software (bit SWDT in SFR IEN1) but it cannot be stopped
during active mode of the device. If the software fails to refresh the running watchdog timer an
internal reset will be initiated on watchdog timer overflow. For refreshing of the watchdog timer the
content of the SFR WDTREL is transfered to the upper 7-bit of the watchdog timer. The refresh
sequence consists of two consequtive instructions which set the bits WDT and SWDT each. The
reset cause (external reset or reset caused by the watchdog) can be examined by software (flag
WDTS). It must be noted, however, that the watchdog timer is halted during the idle mode and
power down mode of the processor.
MCB03306
IP0 (A9 )
H
OSC
f
WDTS
2
16
14
07
8
WDTL
WDTH
/ 6
External HW Reset
Control Logic
IEN0 (A8 )
H
IEN1 (B8 )
H
6
70
WDT Reset - Request
WDTPSEL
WDTREL (86 )
H
WDT
SWDT
OWDS


Similar Part No. - C505C-2RM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C505C-2R INFINEON-C505C-2R Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
More results

Similar Description - C505C-2RM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com