Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C509-L Datasheet(PDF) 40 Page - Siemens Semiconductor Group

Part # C509-L
Description  8-Bit CMOS Microcontroller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C509-L Datasheet(HTML) 40 Page - Siemens Semiconductor Group

Back Button C509-L Datasheet HTML 36Page - Siemens Semiconductor Group C509-L Datasheet HTML 37Page - Siemens Semiconductor Group C509-L Datasheet HTML 38Page - Siemens Semiconductor Group C509-L Datasheet HTML 39Page - Siemens Semiconductor Group C509-L Datasheet HTML 40Page - Siemens Semiconductor Group C509-L Datasheet HTML 41Page - Siemens Semiconductor Group C509-L Datasheet HTML 42Page - Siemens Semiconductor Group C509-L Datasheet HTML 43Page - Siemens Semiconductor Group C509-L Datasheet HTML 44Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
Semiconductor Group
39
09.96
C509-L
Port Structure Selection
After a reset operation of the C509-L, the quasi-bidirectional 8051-compatible port structure is
selected. For selection of the bidirectional port structure (CMOS) the bit PMOD of SFR SYSCON
must be set. Because each port pin can be programmed as an input or an output, additionally, after
the selection of the bidirectional mode the direction register of the ports must be written (except the
analog/digital input ports 7,8). This direction registers are mapped to the port registers. This means,
the port register address is equal to its direction register address. Figure 16 illustrates the port- and
direction register configuration.
Figure 16
Port Register, Direction Register
For the access the direction registers a double instruction sequence must be executed. The first
instruction has to set bit PDIR in SFR IP1. Thereafter, a second instruction can read or write the
direction registers. PDIR will automatically be cleared after the second machine cycle (S2P2) after
having been set. For this time, the access to the direction register is enabled and the register can
be read or written. Further, the double instruction sequence as shown in figure 16, cannot be
interrupted by an interrupt,
When the bidirectional port structure is activated (bit PMOD in SFR SYSCON =1) after a reset, the
ports are defined as inputs (direction registers default values after reset are set to FFH).
With PMOD = 0 (quasi-bidirectional port structure selected), any access to the direction registers
has no effect on the port driver circuitries.


Similar Part No. - C509-L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C509-L INFINEON-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
09.96
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
4Mb / 290P
   8-Bit CMOS Microcontroller
C509-L SIEMENS-C509-L_97 Datasheet
4Mb / 290P
   8-Bit CMOS Microcontroller
More results

Similar Description - C509-L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com