Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C509-L Datasheet(PDF) 50 Page - Siemens Semiconductor Group

Part # C509-L
Description  8-Bit CMOS Microcontroller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C509-L Datasheet(HTML) 50 Page - Siemens Semiconductor Group

Back Button C509-L Datasheet HTML 46Page - Siemens Semiconductor Group C509-L Datasheet HTML 47Page - Siemens Semiconductor Group C509-L Datasheet HTML 48Page - Siemens Semiconductor Group C509-L Datasheet HTML 49Page - Siemens Semiconductor Group C509-L Datasheet HTML 50Page - Siemens Semiconductor Group C509-L Datasheet HTML 51Page - Siemens Semiconductor Group C509-L Datasheet HTML 52Page - Siemens Semiconductor Group C509-L Datasheet HTML 53Page - Siemens Semiconductor Group C509-L Datasheet HTML 54Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
Semiconductor Group
49
09.96
C509-L
Serial Interfaces 0 and 1
The C509-L has two serial interfaces which are functionally nearly identical concerning the
asynchronous modes of operation. The two channels are full-duplex, meaning they can transmit
and receive simultaneously. The serial channel 0 is completely compatible with the serial channel
of the C501 (one synchronous mode, three asynchronous modes). Serial channel 1 has the same
functionality in its asynchronous modes, but the synchronous mode and the fixed baud rate UART
mode is missing.
The operating modes of the serial interfaces is illustrated in table 11. The possible baudrates can
be calculated using the formulas given in table 12.
Table 11
Operating Modes of Serial Interface 0 and 1
Serial
Interface
Mode
S0CON
S1CON
Description
SM0
SM1
SM
0
0
0
0
Shift register mode
Serial data enters and exits through R
×D0;
T
×D0 outputs the shift clock; 8-bit are
transmitted/received (LSB first); fixed baud rate
1
0
1
8-bit UART, variable baud rate
10 bits are transmitted (through T
×D0) or
received (at R
×D0)
2
1
0
9-bit UART, fixed baud rate
11 bits are transmitted (through T
×D0) or
received (at R
×D0)
3
1
1
9-bit UART, variable baud rate
Like mode 2
1
A
0
9-bit UART; variable baud rate
11 bits are transmitted (through T
×D1) or
received (at R
×D1)
B
1
8-bit UART; variable baud rate
10 bits are transmitted (through T
×D1) or
received (at R
×D1)


Similar Part No. - C509-L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C509-L INFINEON-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
09.96
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
4Mb / 290P
   8-Bit CMOS Microcontroller
C509-L SIEMENS-C509-L_97 Datasheet
4Mb / 290P
   8-Bit CMOS Microcontroller
More results

Similar Description - C509-L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com