Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C505-2RM Datasheet(PDF) 71 Page - Siemens Semiconductor Group

Part # C505-2RM
Description  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C505-2RM Datasheet(HTML) 71 Page - Siemens Semiconductor Group

Back Button C505-2RM Datasheet HTML 67Page - Siemens Semiconductor Group C505-2RM Datasheet HTML 68Page - Siemens Semiconductor Group C505-2RM Datasheet HTML 69Page - Siemens Semiconductor Group C505-2RM Datasheet HTML 70Page - Siemens Semiconductor Group C505-2RM Datasheet HTML 71Page - Siemens Semiconductor Group C505-2RM Datasheet HTML 72Page - Siemens Semiconductor Group C505-2RM Datasheet HTML 73Page - Siemens Semiconductor Group C505-2RM Datasheet HTML 74Page - Siemens Semiconductor Group C505-2RM Datasheet HTML 75Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
Semiconductor Group
71
1997-12-01
C505 / C505C
C505A / C505CA
AC Characteristics (16 MHz, 0.4 to 0.6 Duty Cycle, cont’d)
External Data Memory Characteristics
Parameter
Symbol
Limit Values
Unit
16-MHz clock
Duty Cycle
0.4 to 0.6
Variable Clock
1/CLP= 2 MHz to 16 MHz
min.
max.
min.
max.
RD pulse width
t
RLRH
158
3 CLP - 30
ns
WR pulse width
t
WLWH
158
3 CLP - 30
ns
Address hold after ALE
t
LLAX2
48
CLP - 15
ns
RD to valid data in
t
RLDV
100
2 CLP+
TCLHmin - 50
ns
Data hold after RD
t
RHDX
0–0
ns
Data float after RD
t
RHDZ
51
CLP - 12
ns
ALE to valid data in
t
LLDV
200
4 CLP - 50
ns
Address to valid data in
t
AVDV
200
4 CLP +
TCLHmin -75
ns
ALE to WR or RD
t
LLWL
73
103
CLP +
TCLLmin - 15
CLP+
TCLLmin+ 15
ns
Address valid to WR
t
AVWL
95
2 CLP - 30
ns
WR or RD high to ALE high
t
WHLH
10
40
TCLHmin - 15
TCLHmin + 15 ns
Data valid to WR transition
t
QVWX
5
TCLLmin - 20
ns
Data setup before WR
t
QVWH
163
3 CLP +
TCLLmin - 50
–ns
Data hold after WR
t
WHQX
5
TCLHmin - 20
ns
Address float after RD
t
RLAZ
–0–
0
ns


Similar Part No. - C505-2RM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C505-2R INFINEON-C505-2R Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
More results

Similar Description - C505-2RM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com