Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP180N04TUJ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NP180N04TUJ
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP180N04TUJ Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP180N04TUJ Datasheet HTML 1Page - Renesas Technology Corp NP180N04TUJ Datasheet HTML 2Page - Renesas Technology Corp NP180N04TUJ Datasheet HTML 3Page - Renesas Technology Corp NP180N04TUJ Datasheet HTML 4Page - Renesas Technology Corp NP180N04TUJ Datasheet HTML 5Page - Renesas Technology Corp NP180N04TUJ Datasheet HTML 6Page - Renesas Technology Corp NP180N04TUJ Datasheet HTML 7Page - Renesas Technology Corp NP180N04TUJ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NP180N04TUJ
Chapter Title
R07DS0180EJ0100 Rev.1.00
Page 5 of 6
Dec 17, 2010
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0.0
1.0
2.0
3.0
4.0
-100
-50
0
50
100
150
200
Pulsed
VGS = 10 V
ID = 90 A
Tch - Channel Temperature -
°C
100
1000
10000
100000
0.1
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Crss
Coss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
1000
tr
td(off)
td(on)
tf
VDD = 20 V
VGS = 10 V
RG = 0
Ω
ID - Drain Current - A
0
5
10
15
20
25
30
35
40
0
20
40
60
80 100 120 140 160
0
2
4
6
8
10
12
14
16
VDS
ID = 180 A
8 V
20 V
VDD = 32 V
VGS
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
0.1
1
10
100
1000
00.5
11.5
VGS = 10 V
0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
10
100
0.1
1
10
100
1000
di/dt = 100 A/
μs
VGS = 0 V
IF - Drain Current - A


Similar Part No. - NP180N04TUJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP180N04TUJ RENESAS-NP180N04TUJ Datasheet
5Mb / 6P
   Product Scout Automotive
NP180N04TUJ RENESAS-NP180N04TUJ_15 Datasheet
220Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP180N04TUJ

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com