Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-C167CR-16RM Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SAK-C167CR-16RM
Description  16-Bit CMOS Single-Chip Microcontrollers
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAK-C167CR-16RM Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SAK-C167CR-16RM Datasheet HTML 1Page - Siemens Semiconductor Group SAK-C167CR-16RM Datasheet HTML 2Page - Siemens Semiconductor Group SAK-C167CR-16RM Datasheet HTML 3Page - Siemens Semiconductor Group SAK-C167CR-16RM Datasheet HTML 4Page - Siemens Semiconductor Group SAK-C167CR-16RM Datasheet HTML 5Page - Siemens Semiconductor Group SAK-C167CR-16RM Datasheet HTML 6Page - Siemens Semiconductor Group SAK-C167CR-16RM Datasheet HTML 7Page - Siemens Semiconductor Group SAK-C167CR-16RM Datasheet HTML 8Page - Siemens Semiconductor Group SAK-C167CR-16RM Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
q
High Performance 16-bit CPU with 4-Stage Pipeline
q
100 ns Instruction Cycle Time at 20 MHz CPU Clock
q
500 ns Multiplication (16
× 16 bit), 1 µs Division (32 / 16 bit)
q
Enhanced Boolean Bit Manipulation Facilities
q
Additional Instructions to Support HLL and Operating Systems
q
Register-Based Design with Multiple Variable Register Banks
q
Single-Cycle Context Switching Support
q
Clock Generation via on-chip PLL or via direct clock input
q
Up to 16 MBytes Linear Address Space for Code and Data
q
2 KBytes On-Chip Internal RAM (IRAM)
q
2 KBytes On-Chip Extension RAM (XRAM)
q
128 KBytes On-Chip ROM
q
Programmable External Bus Characteristics for Different Address Ranges
q
8-Bit or 16-Bit External Data Bus
q
Multiplexed or Demultiplexed External Address/Data Buses
q
Five Programmable Chip-Select Signals
q
Hold- and Hold-Acknowledge Bus Arbitration Support
q
1024 Bytes On-Chip Special Function Register Area
q
Idle and Power Down Modes
q
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event
Controller (PEC)
q
16-Priority-Level Interrupt System with 56 Sources, Sample-Rate down to 50 ns
q
16-Channel 10-bit A/D Converter with 9.7
µs Conversion Time
q
Two 16-Channel Capture/Compare Units
q
4-Channel PWM Unit
q
Two Multi-Functional General Purpose Timer Units with 5 Timers
q
Two Serial Channels (Synchronous/Asynchronous and High-Speed-Synchronous)
q
On-Chip CAN Interface with 15 Message Objects (Full-CAN/Basic-CAN)
q
Programmable Watchdog Timer
q
Up to 111 General Purpose I/O Lines, partly with Selectable Input Thresholds and Hysteresis
q
Supported by a Wealth of Development Tools like C-Compilers, Macro-Assembler Packages,
Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers,
Programming Boards
q
On-Chip Bootstrap Loader
q
144-Pin MQFP Package (EIAJ)
This document describes the SAB-C167CR-16RM and the SAK-C167CR-16RM. For simplicity all
versions are referred to by the term C167CR-16RM throughout this document.
C16x-Family of
High-Performance CMOS 16-Bit Microcontrollers
Advance Information
C167CR-16RM
16-Bit Microcontroller
C167CR-16RM
1
12.96


Similar Part No. - SAK-C167CR-16RM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-C167CR-16RM INFINEON-SAK-C167CR-16RM Datasheet
955Kb / 74P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
More results

Similar Description - SAK-C167CR-16RM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
C165 SIEMENS-C165_96 Datasheet
3Mb / 283P
   16-Bit CMOS Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com