Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-C167CR-16RM Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SAF-C167CR-16RM
Description  16-Bit CMOS Single-Chip Microcontrollers
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C167CR-16RM Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SAF-C167CR-16RM Datasheet HTML 4Page - Siemens Semiconductor Group SAF-C167CR-16RM Datasheet HTML 5Page - Siemens Semiconductor Group SAF-C167CR-16RM Datasheet HTML 6Page - Siemens Semiconductor Group SAF-C167CR-16RM Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C167CR-16RM Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C167CR-16RM Datasheet HTML 9Page - Siemens Semiconductor Group SAF-C167CR-16RM Datasheet HTML 10Page - Siemens Semiconductor Group SAF-C167CR-16RM Datasheet HTML 11Page - Siemens Semiconductor Group SAF-C167CR-16RM Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
20Dec96@09:25h Intermediate Version
Semiconductor Group
6
C167CR-16RM
P3.0 –
P3.13,
P3.15
65 – 70,
73 – 80,
81
65
66
67
68
69
70
73
74
75
76
77
78
79
80
81
I/O
I/O
I/O
I
O
I
O
I
I
I
I
I/O
I/O
O
I/O
O
O
I/O
O
Port 3 is a 15-bit (P3.14 is missing) bidirectional I/O port. It is
bit-wise programmable for input or output via direction bits.
For a pin configured as input, the output driver is put into high-
impedance state. Port 3 outputs can be configured as push/
pull or open drain drivers. The input threshold of Port 3 is
selectable (TTL or special).
The following Port 3 pins also serve for alternate functions:
P3.0
T0IN
CAPCOM Timer T0 Count Input
P3.1
T6OUT
GPT2 Timer T6 Toggle Latch Output
P3.2
CAPIN
GPT2 Register CAPREL Capture Input
P3.3
T3OUT
GPT1 Timer T3 Toggle Latch Output
P3.4
T3EUD
GPT1 Timer T3 Ext.Up/Down Ctrl.Input
P3.5
T4IN
GPT1 Timer T4 Input for
Count/Gate/Reload/Capture
P3.6
T3IN
GPT1 Timer T3 Count/Gate Input
P3.7
T2IN
GPT1 Timer T2 Input for
Count/Gate/Reload/Capture
P3.8
MRST
SSC Master-Rec./Slave-Transmit I/O
P3.9
MTSR
SSC Master-Transmit/Slave-Rec. O/I
P3.10
T
×D0
ASC0 Clock/Data Output (Asyn./Syn.)
P3.11
R
×D0
ASC0 Data Input (Asyn.) or I/O (Syn.)
P3.12
BHE
Ext. Memory High Byte Enable Signal,
WRH
Ext. Memory High Byte Write Strobe
P3.13
SCLK
SSC Master Clock Outp./Slave Cl. Inp.
P3.15
CLKOUT
System Clock Output (=CPU Clock)
P4.0 –
P4.7
85 - 92
85
...
89
90
91
92
I/O
O
...
O
O
I
O
O
O
Port 4 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state.
In case of an external bus configuration, Port 4 can be used to
output the segment address lines:
P4.0
A16
Least Significant Segment Addr. Line
...
...
...
P4.4
A20
Segment Address Line
P4.5
A21
Segment Address Line,
CAN_RxD CAN Receive Data Input
P4.6
A22
Segment Address Line,
CAN_TxD CAN Transmit Data Output
P4.7
A23
Most Significant Segment Addr. Line
RD
95
O
External Memory Read Strobe. RD is activated for every
external instruction or data read access.
Pin Definitions and Functions (cont’d)
Symbol
Pin
Number
Input (I)
Output (O)
Function


Similar Part No. - SAF-C167CR-16RM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAF-C167CR-16F SIEMENS-SAF-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
More results

Similar Description - SAF-C167CR-16RM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
C165 SIEMENS-C165_96 Datasheet
3Mb / 283P
   16-Bit CMOS Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com