Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP60N055VUK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NP60N055VUK
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP60N055VUK Datasheet(HTML) 1 Page - Renesas Technology Corp

  NP60N055VUK Datasheet HTML 1Page - Renesas Technology Corp NP60N055VUK Datasheet HTML 2Page - Renesas Technology Corp NP60N055VUK Datasheet HTML 3Page - Renesas Technology Corp NP60N055VUK Datasheet HTML 4Page - Renesas Technology Corp NP60N055VUK Datasheet HTML 5Page - Renesas Technology Corp NP60N055VUK Datasheet HTML 6Page - Renesas Technology Corp NP60N055VUK Datasheet HTML 7Page - Renesas Technology Corp NP60N055VUK Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0588EJ0100 Rev.1.00
Page 1 of 6
Dec 12, 2011
Preliminary Data Sheet
NP60N055VUK
MOS FIELD EFFECT TRANSISTOR
Description
The NP60N055VUK is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
 Super low on-state resistance
RDS(on) = 5.5 m MAX. (VGS = 10 V, ID = 30 A)
 Low C
iss: Ciss = 2500 pF TYP. (VDS = 25 V)
 Designed for automotive application and AEC-Q101 qualified
Ordering Information
Part No.
Lead Plating
Packing
Package
NP60N055VUK-E1-AY
*1
Taping (E1 type)
NP60N055VUK-E2-AY
*1
Pure Sn (Tin)
Tape 2500 p/reel
Taping (E2 type)
TO-252 (MP-3ZP)
Note:
*1 Pb-free (This product does not contain Pb in the external electrode)
Absolute Maximum Ratings (TA = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
55
V
Gate to Source Voltage (VDS = 0 V)
VGSS
20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
60
A
Drain Current (pulse)
*1
ID(pulse)
240
A
Total Power Dissipation (TC = 25°C)
PT1
105
W
Total Power Dissipation (TA = 25°C)
PT2
1.2
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
–55 to 175
°C
Repetitive Avalanche Current
*2
IAR
25
A
Repetitive Avalanche Energy
*2
EAR
63
mJ
Notes: *1 TC = 25°C, PW  10 s, Duty Cycle  1%
*2 RG = 25 , VGS = 20  0 V
Thermal Resistance
Channel to Case Thermal Resistance
Rth(ch-C)
1.43
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
125
°C/W
R07DS0588EJ0100
Rev.1.00
Dec 12, 2011


Similar Part No. - NP60N055VUK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N055VUK RENESAS-NP60N055VUK Datasheet
5Mb / 6P
   Product Scout Automotive
NP60N055VUK RENESAS-NP60N055VUK Datasheet
269Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
NP60N055VUK-E1-AY RENESAS-NP60N055VUK-E1-AY Datasheet
269Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
NP60N055VUK-E1-AY*1 RENESAS-NP60N055VUK-E1-AY*1 Datasheet
123Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP60N055VUK-E2-AY RENESAS-NP60N055VUK-E2-AY Datasheet
269Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
More results

Similar Description - NP60N055VUK

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com