Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB-C167CR-16RM Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # SAB-C167CR-16RM
Description  16-Bit CMOS Single-Chip Microcontrollers
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C167CR-16RM Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button SAB-C167CR-16RM Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C167CR-16RM Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C167CR-16RM Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C167CR-16RM Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C167CR-16RM Datasheet HTML 11Page - Siemens Semiconductor Group SAB-C167CR-16RM Datasheet HTML 12Page - Siemens Semiconductor Group SAB-C167CR-16RM Datasheet HTML 13Page - Siemens Semiconductor Group SAB-C167CR-16RM Datasheet HTML 14Page - Siemens Semiconductor Group SAB-C167CR-16RM Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
20Dec96@09:25h Intermediate Version
9
Semiconductor Group
C167CR-16RM
V
CC
17, 46,
56, 72,
82, 93,
109,
126,
136, 144
-
Digital Supply Voltage:
+ 5 V during normal operation and idle mode.
≥ 2.5 V during power down mode.
V
SS
18, 45,
55, 71,
83, 94,
110,
127,
139, 143
-
Digital Ground.
Pin Definitions and Functions (cont’d)
Symbol
Pin
Number
Input (I)
Output (O)
Function


Similar Part No. - SAB-C167CR-16RM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB-C167CR-4R33M INFINEON-SAB-C167CR-4R33M Datasheet
955Kb / 74P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
SAB-C167CR-4RM INFINEON-SAB-C167CR-4RM Datasheet
955Kb / 74P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
SAB-C167CR-L33M INFINEON-SAB-C167CR-L33M Datasheet
955Kb / 74P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Siemens Semiconductor G...
SAB-C167CR-LM SIEMENS-SAB-C167CR-LM Datasheet
788Kb / 67P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB-C167CR-LM INFINEON-SAB-C167CR-LM Datasheet
955Kb / 74P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
More results

Similar Description - SAB-C167CR-16RM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
C165 SIEMENS-C165_96 Datasheet
3Mb / 283P
   16-Bit CMOS Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com