Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C167CR Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # C167CR
Description  16-Bit CMOS Single-Chip Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C167CR Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  C167CR Datasheet HTML 1Page - Siemens Semiconductor Group C167CR Datasheet HTML 2Page - Siemens Semiconductor Group C167CR Datasheet HTML 3Page - Siemens Semiconductor Group C167CR Datasheet HTML 4Page - Siemens Semiconductor Group C167CR Datasheet HTML 5Page - Siemens Semiconductor Group C167CR Datasheet HTML 6Page - Siemens Semiconductor Group C167CR Datasheet HTML 7Page - Siemens Semiconductor Group C167CR Datasheet HTML 8Page - Siemens Semiconductor Group C167CR Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
Semiconductor Group
1
06.95
q
High Performance 16-bit CPU with 4-Stage Pipeline
q
100 ns Instruction Cycle Time at 20 MHz CPU Clock
q
500 ns Multiplication (16
× 16 bit), 1 µs Division (32 / 16 bit)
q
Enhanced Boolean Bit Manipulation Facilities
q
Additional Instructions to Support HLL and Operating Systems
q
Register-Based Design with Multiple Variable Register Banks
q
Single-Cycle Context Switching Support
q
Clock Generation via on-chip PLL or via direct clock input
q
Up to 16 MBytes Linear Address Space for Code and Data
q
2 KBytes On-Chip Internal RAM (IRAM)
q
2 KBytes On-Chip Extension RAM (XRAM)
q
Programmable External Bus Characteristics for Different Address Ranges
q
8-Bit or 16-Bit External Data Bus
q
Multiplexed or Demultiplexed External Address/Data Buses
q
Five Programmable Chip-Select Signals
q
Hold- and Hold-Acknowledge Bus Arbitration Support
q
1024 Bytes On-Chip Special Function Register Area
q
Idle and Power Down Modes
q
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event
Controller (PEC)
q
16-Priority-Level Interrupt System with 56 Sources, Sample-Rate down to 50 ns
q 16-Channel 10-bit A/D Converter with 9.7
µs Conversion Time
q
Two 16-Channel Capture/Compare Units
q
4-Channel PWM Unit
q
Two Multi-Functional General Purpose Timer Units with 5 Timers
q
Two Serial Channels (Synchronous/Asynchronous and High-Speed-Synchronous)
q
On-Chip CAN Interface with 15 Message Objects (Full-CAN/Basic-CAN)
q
Programmable Watchdog Timer
q Up to 111 General Purpose I/O Lines, partly with Selectable Input Thresholds and Hysteresis
q
Supported by a Wealth of Development Tools like C-Compilers, Macro-Assembler Packages,
Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers,
Programming Boards
q
On-Chip Bootstrap Loader
q
144-Pin MQFP Package (EIAJ)
This document describes the SAB-C167CR-LM, the SAF-C167CR-LM and the SAK-C167CR-LM.
For simplicity all versions are referred to by the term C167CR throughout this document.
C16x-Family of
High-Performance CMOS 16-Bit Microcontrollers
Advance Information
C167CR
16-Bit Microcontroller
C167CR


Similar Part No. - C167CR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C167CR INFINEON-C167CR Datasheet
955Kb / 74P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
C167CR INFINEON-C167CR Datasheet
3Mb / 464P
   16-Bi t Single-Chip Microcont roller
V 3.1, Mar. 2000
C167CR INFINEON-C167CR Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
C167CR-16F SIEMENS-C167CR-16F_1 Datasheet
857Kb / 63P
   16-Bit CMOS Single-Chip Microcontroller with 128 KByte Flash EPROM
More results

Similar Description - C167CR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
C161V SIEMENS-C161V Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C166 INFINEON-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Data Sheet 09.94
logo
Siemens Semiconductor G...
C161RI SIEMENS-C161RI_1 Datasheet
2Mb / 317P
   16-Bit CMOS Single-Chip Microcontroller
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
logo
Siemens Semiconductor G...
SABC161RI-L16M SIEMENS-SABC161RI-L16M Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
SAB80C166 SIEMENS-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
C164CI INFINEON-C164CI Datasheet
611Kb / 53P
   16-bit CMOS Single-Chip Microcontroller
1998-02
logo
Siemens Semiconductor G...
C167SR SIEMENS-C167SR Datasheet
680Kb / 66P
   16-Bit CMOS Single-Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com