Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF8A80 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # STF8A80
Description  Bi-Directional Triode Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

STF8A80 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  STF8A80 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd STF8A80 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd STF8A80 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd STF8A80 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd STF8A80 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
o
+
2
1
0
-1
2
V
STF8A80
STF8A80
STF8A80
STF8A80
Fig 1. Gate Characteristics
Fig 2. On-State Voltage
10
VGM (10V)
10
PGM (5W)
On-State
o
Gate Voltage
[V]
10
25 ℃
PG(AV) (0.5W)
IGM (2A)
TJ = 125 C
Curren
1 t [A]
10
TJ = 25 C
10
VGD (0.2V)
10
1
2
3
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
10
10
Gate Current [mA]
On-State Voltage [V]
Fig 3. On State Current vs.
Maximum Power Dissipation
Fig 4. On State Current vs.
Allowable Case Temperature
10
9
Powe
8r
θ
Dissip
7 ation [W]
6
π
θ
2π
360°
θ = 180
o
o
θ = 150
o
θ = 120
θ = 90
o
θ = 60
o
130
Allowable Case
Temperature
[ oC]120
110
θ : Conduction Angle
θ = 30
o
5
θ = 30
o
π
θ
π
4
100
θ = 60
o
3
2
90
θ
360°
o
θ = 90
o
θ = 120
o
θ = 150 o
θ = 180
1
0
80
θ : Conduction Angle
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
RMS On-State Current [A]
RMS On-State Current [A]
Fig 5. Surge On-State Current Rating
( Non-Repetitive )
Fig 6. Gate Trigger Voltage vs.
Junction Temperature
100
10
80
Surge On-State
Current [A]
60Hz
V GT1
60
VGT (Vt CGT)(25 C)
_
V
GT1
o
_
o
GT3
1
40
50Hz
20
0
0
10
10
1
10
2
0.1
-50
0
50
100
150
Time (cycles)
Junction Temperature [ C
o
]
3/5


Similar Part No. - STF8A80

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
STF8A60 SEMIWELL-STF8A60 Datasheet
751Kb / 6P
   Bi-Directional Triode Thyristor
More results

Similar Description - STF8A80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com