Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR04AM-12A-BA6-B00 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CR04AM-12A-BA6-B00
Description  Thyristor Low Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR04AM-12A-BA6-B00 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CR04AM-12A-BA6-B00 Datasheet HTML 1Page - Renesas Technology Corp CR04AM-12A-BA6-B00 Datasheet HTML 2Page - Renesas Technology Corp CR04AM-12A-BA6-B00 Datasheet HTML 3Page - Renesas Technology Corp CR04AM-12A-BA6-B00 Datasheet HTML 4Page - Renesas Technology Corp CR04AM-12A-BA6-B00 Datasheet HTML 5Page - Renesas Technology Corp CR04AM-12A-BA6-B00 Datasheet HTML 6Page - Renesas Technology Corp CR04AM-12A-BA6-B00 Datasheet HTML 7Page - Renesas Technology Corp CR04AM-12A-BA6-B00 Datasheet HTML 8Page - Renesas Technology Corp CR04AM-12A-BA6-B00 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CR04AM-12A
Preliminary
R07DS0636EJ0100 Rev.1.00
Page 2 of 8
Jan 16, 2012
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT(RMS)
0.63
A
Average on-state current
IT(AV)
0.4
A
Commercial frequency, sine half wave
180
 conduction, Ta=54C
Surge on-state current
ITSM
10
A
60Hz sine half wave, 1full cycle,
peak value, non-repetitive
I
2t for fusing
I
2t
0.4
A
2s
Value corresponding to 1cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
0.5
W
Average gate power dissipation
PG(AV)
0.1
W
Peak gate forward voltage
VFGM
6
V
Peak gate reverse voltage
VRGM
6
V
Peak gate forward current
IFGM
0.3
A
Junction temperature
Tj
– 40 to +125
C
Storage temperature
Tstg
– 40 to +125
C
Mass
0.23
g
Typical value
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak reverse current
IRRM
0.5
mA
Tj = 125
C, V
RRM applied
Repetitive peak off-state current
IDRM
0.5
mA
Tj = 125
C, V
DRM applied
RGK=1 k
On-state voltage
VTM
1.2
V
Tj = 25
C, I
TM = 1.2 A
instantaneous value
Gate trigger voltage
VGT
0.8
V
Tj = 25
C, V
D = 6 V,
IT = 0.1 A
Note3
Gate non-trigger voltage
VGD
0.2
V
Tj = 125
C, V
D = 1/2 VDRM
RGK=1 K
Gate trigger current
IGT
1
Note2
100
Note2
μA
Tj = 25
C, V
D = 6 V,
IT = 0.1 A
Note3
Holding current
IH
1.5
3
mA
Tj = 25°C, VD = 12 V, RGK=1 k
Thermal resistance
Rth(j-a)
150
C/W
Junction to ambient
Notes: 2. If special values of IGT are required, choose item D or E from those listed in the table below if possible.
Item
A
B
C
D
E
IGT (A)
1 to 30
20 to 50
40 to 100
1 to 50
20 to 100
The above values do not include the current flowing through the 1 k
 resistance between the gate and
cathode.
3.
IGT, VGT measurement circuit.
3V
DC
IGS
IGT
6V
DC
60
Ω
VGT
2
1
TUT
1k
Ω
RGK
A3
A2
V1
A1
Switch
Switch 1 : IGT measurement
Switch 2 : VGT measurement
(Inner resistance of voltage meter is about 1k
Ω)


Similar Part No. - CR04AM-12A-BA6-B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR04AM-12A RENESAS-CR04AM-12A_15 Datasheet
120Kb / 9P
   600V - 0.4A - Thyristor Low Power Use
More results

Similar Description - CR04AM-12A-BA6-B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com