Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ574 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SJ574
Description  Silicon P Channel MOS FET High Speed Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ574 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SJ574_11 Datasheet HTML 1Page - Renesas Technology Corp 2SJ574_11 Datasheet HTML 2Page - Renesas Technology Corp 2SJ574_11 Datasheet HTML 3Page - Renesas Technology Corp 2SJ574_11 Datasheet HTML 4Page - Renesas Technology Corp 2SJ574_11 Datasheet HTML 5Page - Renesas Technology Corp 2SJ574_11 Datasheet HTML 6Page - Renesas Technology Corp 2SJ574_11 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SJ574
Preliminary
R07DS0574EJ0400 Rev.4.00
Page 6 of 6
Nov 14, 2011
Package Dimensions
D
e
A
AA
b
xS
A
M
EHE
A
A2
A1
S
b
A-A Section
c
Qc
L
L1
LP
A3
Pattern of terminal position areas
I1
b2
e
e1
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
b2
e1
I1
Q
1.0
0
1.0
0.35
0.1
2.7
1.35
2.2
0.35
0.15
0.25
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
1.1
0.25
0.4
0.16
1.5
0.95
2.8
1.95
0.3
1.3
0.1
1.2
0.5
0.26
3.1
1.65
3.0
0.75
0.55
0.65
0.05
0.55
1.05
SC-59A
PLSP0003ZB-A
MPAK(T) / MPAK(T)V
0.011g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
Package Name
MPAK
Ordering Information
Orderable Part Number
Quantity
Shipping Container
2SJ574BPTL-E
3000 pcs
178 mm reel, 12 mm Emboss taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Similar Part No. - 2SJ574_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574_15 Datasheet
244Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
More results

Similar Description - 2SJ574_11

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ576 HITACHI-2SJ576 Datasheet
27Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574 Datasheet
58Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SJ574 HITACHI-2SJ574 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ588 HITACHI-2SJ588 Datasheet
26Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
2SJ575 HITACHI-2SJ575 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ587 HITACHI-2SJ587 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ575 RENESAS-2SJ575 Datasheet
167Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_15 Datasheet
244Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ586 RENESAS-2SJ586 Datasheet
158Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ576 RENESAS-2SJ576 Datasheet
46Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com