Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-C501G-1E24N Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SAF-C501G-1E24N
Description  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C501G-1E24N Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SAF-C501G-1E24N Datasheet HTML 1Page - Siemens Semiconductor Group SAF-C501G-1E24N Datasheet HTML 2Page - Siemens Semiconductor Group SAF-C501G-1E24N Datasheet HTML 3Page - Siemens Semiconductor Group SAF-C501G-1E24N Datasheet HTML 4Page - Siemens Semiconductor Group SAF-C501G-1E24N Datasheet HTML 5Page - Siemens Semiconductor Group SAF-C501G-1E24N Datasheet HTML 6Page - Siemens Semiconductor Group SAF-C501G-1E24N Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C501G-1E24N Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C501G-1E24N Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
C501
Semiconductor Group
4
1997-04-01
The C501-1R contains a non-volatile 8K
× 8 read-only program memory, a volatile 256 × 8 read/
write data memory, four ports, three 16-bit timers counters, a seven source, two priority level
interrupt structure and a serial port. The C501-L is identical, except that it lacks the program
memory on chip. The C501-1E contains a one-time programmable (OTP) program memory on chip.
The term C501 refers to all versions within this specification unless otherwise noted. Further, the
term C501 refers to all versions which are available in the different temperature ranges, marked with
SAB-C501... or SAF-C501.... .
Ordering Information
Type
Ordering Code Package
Description
(8-Bit CMOS microcontroller)
SAB-C501G-LN
SAB-C501G-LP
SAB-C501G-LM
Q67120-C969
Q67120-C968
Q67127-C970
P-LCC-44
P-DIP-40
P-MQFP-44
for external memory (12 MHz)
SAB-C501G-L24N
SAB-C501G-L24P
SAB-C501G-L24M
Q67120-C1001
Q67120-C999
Q67127-C1014
P-LCC-44
P-DIP-40
P-MQFP-44
for external memory (24 MHz)
SAB-C501G-L40N
SAB-C501G-L40P
SAB-C501G-L40M
Q67120-C1002
Q67120-C1000
Q67127-C1009
P-LCC-44
P-DIP-40
P-MQFP-44
for external memory (40 MHz)
SAF-C501G-L24N
SAF-C501G-L24P
Q67120-C1011
Q67120-C1010
P-LCC-44
P-MQFP-44
for external memory (24 MHz)
ext. temp. – 40 ˚C to 85 ˚C
SAB-C501G-1RN
SAB-C501G-1RP
SAB-C501G-1RM
Q67120-DXXX
Q67120-DXXX
Q67127-DXXX
P-LCC-44
P-DIP-40
P-MQFP-44
with mask-programmable ROM (12 MHz)
SAB-C501G-1R24N
SAB-C501G-1R24P
SAB-C501G-1R24M
Q67120-DXXX
Q67120-DXXX
Q67127-DXXX
P-LCC-44
P-DIP-40
P-MQFP-44
with mask-programmable ROM (24 MHz)
SAB-C501G-1R40N
SAB-C501G-1R40P
SAB-C501G-1R40M
Q67120-DXXX
Q67120-DXXX
Q67127-DXXX
P-LCC-44
P-DIP-40
P-MQFP-44
with mask-programmable ROM (40 MHz)
SAF-C501G-1R24N
SAF-C501G-1R24P
Q67120-DXXX
Q67120-DXXX
P-LCC-44
P-DIP-40
with mask-programmable ROM (24 MHz)
ext. temp. – 40 ˚C to 85 ˚C
SAB-C501G-1EN
SAB-C501G-1EP
Q67120-C1054
Q67120-C1056
P-LCC-44
P-DIP-40
with OTP memory (12 MHz)
SAF-C501G-1EN
SAF-C501G-1EP
Q67120-C2002
Q67120-C2003
P-LCC-44
P-DIP-40
with OTP memory (12 MHz))
ext. temp. – 40 ˚C to 85 ˚C
SAB-C501G-1E24N
SAB-C501G-1E24P
Q67120-C2005
Q67120-C2006
P-LCC-44
P-DIP-40
with OTP memory (24 MHz)
SAF-C501G-1E24N
SAF-C501G-1E24P
Q67120-C2008
Q67120-C2009
P-LCC-44
P-DIP-40
with OTP memory (24 MHz))
ext. temp. – 40 ˚C to 85 ˚C


Similar Part No. - SAF-C501G-1E24N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAF-C503 SIEMENS-SAF-C503 Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-1R20N SIEMENS-SAF-C503-1R20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-1RN SIEMENS-SAF-C503-1RN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-L20N SIEMENS-SAF-C503-L20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-LN SIEMENS-SAF-C503-LN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAF-C501G-1E24N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com