Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BXY44P Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BXY44P
Description  HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BXY44P Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BXY44P Datasheet HTML 1Page - Siemens Semiconductor Group BXY44P Datasheet HTML 2Page - Siemens Semiconductor Group BXY44P Datasheet HTML 3Page - Siemens Semiconductor Group BXY44P Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BXY 44P
Semiconductor Group
4
Draft A02 1998-04-01
Figure 1
FP Package
Symbol
Millimetre
min.
max.
B
3.10
3.55
B1
3.00
3.30
D
1.30
1.70
D1
0.55
0.65
d
0.10
0.15
d1
0.25
0.40
F
2.40
2.60
L
5.50
-


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BXY43 HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1  2  3  4  5  More Siemens Semiconductor Group
BXY43P HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1  2  3  4  Siemens Semiconductor Group
BXY44 HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1  2  3  4  5  More Siemens Semiconductor Group
BAR64-02W Silicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz 1  2  3  4  Siemens Semiconductor Group
BAR64-W Silicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz 1  2  3  4  Siemens Semiconductor Group
BXY42 HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1  2  3  4  5  More Siemens Semiconductor Group
BAT14 HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1  2  3  4  5  More Siemens Semiconductor Group
BAR64-07 Silicon PIN Diode High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz 1  2  3  Siemens Semiconductor Group
BAT15 HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1  2  3  4  5  More Siemens Semiconductor Group
BAR64 Silicon PIN Diode High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz 1  2  3  4  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn