Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BXY44P Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BXY44P
Description  HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BXY44P Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BXY 44P
Semiconductor Group
2
Draft A02 1998-04-01
Electrical Characteristics
1)
DR
F [%] = 100 ´ (RF_Diode2 - RF_Diode1)/RF_Diode1
Table 2
DC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Reverse current 1
V
R1 = 200 V
I
R1
--
100
nA
Reverse current 2
V
R2 = 100 V
I
R2
--
5nA
Forward voltage
I
F = 100 mA
V
F
-
1.0
1.05
V
Table 3
AC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Total capacitance
V
R = 50 V, f = 1 MHz
C
T
-
0.50
0.75
pF
Forward resistance
f = 100 MHz, I
F1 = 10 mA
R
F1
700
900
1200
W
Forward resistance
f = 100 MHz, I
F2 = 1 mA
R
F2
11
20
27
W
Forward resistance
f = 100 MHz, I
F3 = 10 mA
R
F3
2.0
3.8
5.0
W
Minority carrier lifetime
I
F = 10 mA, IR = 6 mA, IR = 3 mA
t
L
300
800
-
ns
Table 4
Matching Requirements at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Difference in forward resistance 2
1) R
F2
--
15
%
Difference in forward resistance 3
1) R
F3
--
15
%


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BXY43HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY43PHiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 Siemens Semiconductor Group
BXY44HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group
BAR64-02WSilicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz 1 2 3 4 Siemens Semiconductor Group
BAR64-WSilicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz 1 2 3 4 Siemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAR64-07Silicon PIN Diode High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz 1 2 3 Siemens Semiconductor Group
BAT15HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAR64Silicon PIN Diode High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn