Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDLE-033-1457 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # CDLE-033-1457
Description  339-1SURSYGC-S530-A3
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CDLE-033-1457 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  CDLE-033-1457 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CDLE-033-1457 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CDLE-033-1457 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CDLE-033-1457 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CDLE-033-1457 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CDLE-033-1457 Datasheet HTML 6Page - Everlight Electronics Co., Ltd CDLE-033-1457 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Technical Data Sheet
5.0mm Multi-Color Round Type LED Lamps
339-1SURSYGC/S530-A3
Packing Quantity Specification
1.500PCS/1Bag,4Bags/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT ’s consent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page:
7 of 7
Device Number : CDLE-033-1457
Prepared date: 2005/5/10
Prepared by:
Jin Mei Feng
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng Taipei 236 Taiwan R O C
http:\\www everlight com
339-1SURSYGC/S530-A3


Similar Part No. - CDLE-033-1457

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
CDLE-033-1469 EVERLIGHT-CDLE-033-1469 Datasheet
131Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
More results

Similar Description - CDLE-033-1457

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1224UYOC-S530-A6 ETC1-1224UYOC-S530-A6 Datasheet
95Kb / 6P
   1224UYOC-S530-A6
logo
PHOENIX CONTACT
1884348 PHOENIX-1884348 Datasheet
105Kb / 4P
   VC-MEMV-A3
1884429 PHOENIX-1884429 Datasheet
99Kb / 4P
   VC-MP-A3
logo
IXYS Corporation
IXGK120N60A3 IXYS-IXGK120N60A3 Datasheet
219Kb / 6P
   GenX3 A3-Class IGBTS
IXGK120N120A3 IXYS-IXGK120N120A3 Datasheet
222Kb / 6P
   GenX3 A3-Class IGBTs
logo
Everlight Electronics C...
19-21UYC EVERLIGHT-19-21UYC Datasheet
138Kb / 9P
   19-21UYC/S530-XX/TR8
logo
Lapp.
44429306 LAPP-44429306 Datasheet
160Kb / 2P
   EPIC® LS1.5 A3
17.09.2018
logo
PHOENIX CONTACT
1679294 PHOENIX-1679294 Datasheet
110Kb / 4P
   HC-M-MHR-A3-N
logo
ATMEL Corporation
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com