Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLE-0000345 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # DLE-0000345
Description  Popular T-1 3/4 round package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-0000345 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button DLE-0000345 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 5Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 6Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 7Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 8Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 9Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 10Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DATASHEET
LAMP
334-15/T2C2-1TVB
8
Copyright © 2010, Everlight All Rights Reserved. Release Date : May.3.2013. Issue No: DLE-0000345_Rev.5
www.everlight.com
Production Designation
334-15/T2C2-
□ □ □ □
Notes
1.
Lead Forming
During lead formation, the leads should be bent at a point at least 3mm from the base of the epoxy bulb.
Lead forming should be done before soldering.
Avoid stressing the LED package during leads forming. The stress to the base may damage the LED’s
characteristics or it may break the LEDs.
Cut the LED leadframes at room temperature. Cutting the leadframes at high temperatures may cause failure of
the LEDs.
When mounting the LEDs onto a PCB, the PCB holes must be aligned exactly with the lead position of the LED.
If the LEDs are mounted with stress at the leads, it causes deterioration of the epoxy resin and this will degrade
the LEDs.
2.
Storage
The LEDs should be stored at 30°C or less and 70%RH or less after being shipped from Everlight and the
storage life limits are 3 months. If the LEDs are stored for 3 months or more, they can be stored for a year in a
sealed container with a nitrogen atmosphere and moisture absorbent material.
Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where
condensation can occur.
3.
Soldering
Careful attention should be paid during soldering. When soldering, leave more then 3mm from solder joint to
epoxy bulb, and soldering beyond the base of the tie bar is recommended.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
300
Max. (30W
Max.)
Preheat temp.
100
Max.
(60
sec
Max.)
Soldering time
3 sec Max.
Bath temp. & time
260 Max., 5 sec Max
Distance
3mm Min.(From
solder joint to epoxy
bulb)
Distance
3mm Min. (From solder
joint to epoxy bulb)
Color Group
Luminous Intensity Bins
Voltage Group


Similar Part No. - DLE-0000345

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
DLE-0000346 EVERLIGHT-DLE-0000346 Datasheet
250Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - DLE-0000345

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
   Popular T-1 3/4 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com