Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLE-0000345 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # DLE-0000345
Description  Popular T-1 3/4 round package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-0000345 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  DLE-0000345 Datasheet HTML 1Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 2Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 5Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 6Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 7Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 8Page - Everlight Electronics Co., Ltd DLE-0000345 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DATASHEET
LAMP
334-15/T2C2-1TVB
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : May.3.2013. Issue No: DLE-0000345_Rev.5
www.everlight.com
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
5
10
15
20
25
30
0
5
10
15
20
25
0.0
0.5
1.0
1.5
0
20
40
60
80
100
0
10
20
30
40
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength (Ta=25
℃)
Directivity (Ta=25
℃)
Wavelength (nm)
Relative Intensity (a.u.)
Note: V(λ)=Standard eye response curve; IF =20mA
Forward Current vs. Forward Voltage (Ta=25
℃)
Relative Intensity vs. Forward Current (Ta=25
℃)
Forward Voltage (V)
Forward Current (mA)
Chromaticity Coordinate vs. Forward Current(Ta=25
℃)
Forward Current vs. Ambient Temp.
Forward Current (mA)
Ambient Temperature Ta
(℃)
350
400
450
500
550
600
650
700
750
800
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
0.260
0.270
0.280
0.290
0.300
x
y
0
10
20
30
40
50
60
70
80
90
O
O
O
O
O
O
O
O
O
O
0
1.0
1.0
0.5
30
O
60
O
90
O
0
0.5


Similar Part No. - DLE-0000345

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
DLE-0000346 EVERLIGHT-DLE-0000346 Datasheet
250Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - DLE-0000345

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
   Popular T-1 3/4 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com