Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXY43 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BXY43
Description  HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BXY43 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BXY43 Datasheet HTML 1Page - Siemens Semiconductor Group BXY43 Datasheet HTML 2Page - Siemens Semiconductor Group BXY43 Datasheet HTML 3Page - Siemens Semiconductor Group BXY43 Datasheet HTML 4Page - Siemens Semiconductor Group BXY43 Datasheet HTML 5Page - Siemens Semiconductor Group BXY43 Datasheet HTML 6Page - Siemens Semiconductor Group BXY43 Datasheet HTML 7Page - Siemens Semiconductor Group BXY43 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BXY 43
Semiconductor Group
3
Draft A03 1998-04-01
Electrical Characteristics
Table 2
DC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Reverse current 1
V
R1 = 150 V
I
R1
--
100
nA
Reverse current 2
V
R2 = 100 V
I
R2
--
10
nA
Forward voltage
I
F = 100 mA
V
F
-
0.97
1
V
Table 3
AC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Total capacitance
V
R = 50 V, f = 1 MHz
BXY 43-T, -T1
BXY 43-P1
BXY 43-FP
C
T
-
0.3
0.4
0.30
0.50
0.60
0.45
0.75
0.85
pF
Forward resistance
f = 100 MHz, I
F1 = 20 mA
R
F1
-
55
70
W
Forward resistance
f = 100 MHz, I
F2 = 1 mA
R
F2
-
2.2
3.0
W
Forward resistance
f = 100 MHz, I
F3 = 10 mA
R
F3
-
0.9
1.5
W
Minority carrier lifetime
I
F = 10 mA, IR = 6 mA, IR = 3 mA
t
L
250
650
-
ns


Similar Part No. - BXY43

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BXY43 INFINEON-BXY43 Datasheet
456Kb / 6P
   HiRel Silicon PIN Diode
September 99
BXY43 INFINEON-BXY43 Datasheet
194Kb / 5P
   HiRel Silicon PIN Diode
V2, February 2011
BXY43-FP INFINEON-BXY43-FP Datasheet
456Kb / 6P
   HiRel Silicon PIN Diode
September 99
BXY43-P1 INFINEON-BXY43-P1 Datasheet
456Kb / 6P
   HiRel Silicon PIN Diode
September 99
BXY43-T INFINEON-BXY43-T Datasheet
456Kb / 6P
   HiRel Silicon PIN Diode
September 99
More results

Similar Description - BXY43

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BXY42 SIEMENS-BXY42 Datasheet
104Kb / 6P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
BAT15 SIEMENS-BAT15 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com