Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BXY42 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BXY42
Description  HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BXY42 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BXY 42
Semiconductor Group
3
Draft A03 1998-04-01
Electrical Characteristics
Table 2
DC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Reverse current 1
V
R1 = 50 V
I
R1
--
10
mA
Reverse current 2
V
R2 = 40 V
I
R2
--
5nA
Forward voltage
I
F = 100 mA
V
F
-
0.97
1.1
V
Table 3
AC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Total capacitance
V
R = 50 V, f = 1 MHz
C
T
-
0.20
0.24
pF
Forward resistance
f = 100 MHz, I
F1 = 1 mA
R
F1
-
2
3.5
W
Forward resistance
f = 100 MHz, I
F2 = 10 mA
R
F2
-
1
2.5
W
Minority carrier lifetime
I
F = 10 mA, IR = 6 mA, IR = 3 mA
t
L
35
50
-
ns


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BXY43HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY43PHiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 Siemens Semiconductor Group
BXY44HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY44PHiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 Siemens Semiconductor Group
BAS40HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection 1 2 3 4 Siemens Semiconductor Group
BAS70HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching 1 2 3 4 Siemens Semiconductor Group
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BAT15HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn