Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BXY42 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BXY42
Description  HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BXY42 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BXY42 Datasheet HTML 1Page - Siemens Semiconductor Group BXY42 Datasheet HTML 2Page - Siemens Semiconductor Group BXY42 Datasheet HTML 3Page - Siemens Semiconductor Group BXY42 Datasheet HTML 4Page - Siemens Semiconductor Group BXY42 Datasheet HTML 5Page - Siemens Semiconductor Group BXY42 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BXY 42
Semiconductor Group
2
Draft A03 1998-04-01
1)
At
t
p = 1.0 ms, duty cycle = 0.001%.
Table 1
Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Reverse voltage
V
R
50
V
Peak forward current
1)
I
FM
5A
Power dissipation
BXY 42-T
BXY 42-T1
P
tot
600
350
mW
Operating temperature range
T
op
- 55 to + 150
°C
Storage temperature range
T
stg
- 65 to + 175
°C
Soldering temperature
T
sol
+ 250
°C
Junction temperature
T
j
175
°C
Thermal resistance junction-case
BXY 42-T
BXY 42-T1
R
th(j-c)
200
350
K/W


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BXY43HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY43PHiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 Siemens Semiconductor Group
BXY44HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY44PHiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 Siemens Semiconductor Group
BAS40HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection 1 2 3 4 Siemens Semiconductor Group
BAS70HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching 1 2 3 4 Siemens Semiconductor Group
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BAT15HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn